Electronic Components Datasheet Search
  English  ▼

X  

CJ-CF016 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CJ-CF016
Description  2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJ-CF016 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CJ-CF016 Datasheet HTML 17Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 18Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 19Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 20Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 21Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 22Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 23Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 24Page - List of Unclassifed Manufacturers CJ-CF016 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
19
( ): dimensions for D-A93.
D-A90V/D-A93V/D-A96V
Auto Switch Specifications
Reed Switch: Direct Mounting Style
D-A90(V)/D-A93(V)/D-A96(V)
Grommet
PLC: Programmable Logic Controller
Note) q In a case where the operation load is
an inductive load.
w In a case where the wiring load is
greater than 5 m.
e In a case where the load voltage is
100 VAC.
Use the auto switch with a contact protection
box in any of the above mentioned cases.
(For details about the contact protection box,
refer to page 17.)
Fix the switch with the existing screw
installed on the switch body. The switch
may be damaged if a screw other than the
one supplied, is used.
Operating Precautions
Caution
Auto switch part no.
Lead wire length 0.5 m
Lead wire length 3 m
D-A90(V)
6
30
D-A93(V)
6
30
D-A96(V)
8
41
Unit: g
Unit: mm
Weight
Auto Switch Internal Circuit
D-A90(V)
D-A93(V)
D-A96(V)
Dimensions
D-A90/D-A93/D-A96
b Lead wires
D-A90(V)/D-A93(V) — Oilproof heavy-duty vinyl cable: ø2.7, 0.18 mm2 x 2 cores (Brown, Blue), 0.5 m
D-A96(V) — Oilproof heavy-duty vinyl cable: ø2.7, 0.15 mm2 x 3 cores (Brown, Black, Blue), 0.5 m
Note 1) Refer to page 17 for reed switch common specifications.
Note 2) Refer to page 17 for lead wire lengths.
IC circuit, Relay, PLC
24 VAC/DC or less
50 mA
None
1
Ω or less (including lead wire length of 3 m)
48 VAC/DC or less
40 mA
100 VAC/DC or less
20 mA
Relay, PLC
24 VDC
5 to 40 mA
None
D-A93 — 2.4 V or less (to 20 mA)/3 V or less (to 40 mA)
D-A93V — 2.7 V or less
Red LED illuminates when ON.
Conforming to CE Standards
100 VAC
5 to 20 mA
IC circuit
4 to 8 VDC
20 mA
0.8 V or less
Auto switch part no.
Electrical entry direction
Applicable load
Load voltage
Maximum load current
Contact protection circuit
Internal resistance
D-A93/D-A93V/D-A96/D-A96V (With indicator light)
Auto switch part no.
Electrical entry direction
Applicable load
Load voltage
Indicator light
Standard
Contact protection circuit
Load current range
and max. load current
Internal voltage
drop
D-A90V
D-A90
D-A90
D-A90V
D-A90V
D-A90
In-line
Perpendicular
In-line
Perpendicular
In-line
Perpendicular
D-A93V
D-A93
D-A96
D-A96V
D-A93V
D-A93
In-line
Perpendicular
In-line
Perpendicular
In-line
Perpendicular
D-A90/D-A90V (Without indicator light)
2
2.8
4
22
(24.5)
10
Indicator light
D-A90 type comes without indicator light.
Most sensitive position
M2.5 x 4 l
Slotted set screw
2
22
6
Indicator light
D-A90V type comes without indicator light.
M2.5 x 4 l
Slotted set screw
ø2.7
10
Most sensitive position
For details about certified products conforming to
international standards, visit us at www.smcworld.com.
LED diode
LED diode
Contact
protection
box
CD-P11
CD-P12
OUT (
±)
Brown
OUT (
±)
Blue
OUT (+)
Brown
OUT (–)
Blue
Contact
protection
box
CD-P11
CD-P12
Blue
Resistor
Zener
diode
Brown
LED diode
Resistor
Reverse
current
prevention
diode
OUT
Black
DC (+)
Brown
DC (–)
Blue
Load
(
+)
(
–)
DC power
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com