Electronic Components Datasheet Search
  English  ▼

X  

TMUX4051 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX4051
Description  TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4051 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX4051 Datasheet HTML 1Page - Texas Instruments TMUX4051 Datasheet HTML 2Page - Texas Instruments TMUX4051 Datasheet HTML 3Page - Texas Instruments TMUX4051 Datasheet HTML 4Page - Texas Instruments TMUX4051 Datasheet HTML 5Page - Texas Instruments TMUX4051 Datasheet HTML 6Page - Texas Instruments TMUX4051 Datasheet HTML 7Page - Texas Instruments TMUX4051 Datasheet HTML 8Page - Texas Instruments TMUX4051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings........................................ 7
7.2 ESD Ratings............................................................... 7
7.3 Thermal Information: TMUX405x................................8
7.4 Recommended Operating Conditions.........................8
7.5 Electrical Characteristics.............................................9
7.6 AC Performance Characteristics...............................11
7.7 Timing Characteristics...............................................12
7.8 Typical Characteristics.............................................. 14
8 Parameter Measurement Information.......................... 16
8.1 On-Resistance.......................................................... 16
8.2 Off-Leakage Current................................................. 16
8.3 On-Leakage Current................................................. 17
8.4 Transition Time......................................................... 17
8.5 Break-Before-Make...................................................18
8.6 tON(EN) and tOFF(EN) .................................................. 18
8.7 Propagation Delay.................................................... 19
8.8 Charge Injection........................................................19
8.9 Off Isolation...............................................................20
8.10 Crosstalk................................................................. 20
8.11 Bandwidth............................................................... 21
9 Detailed Description......................................................22
9.1 Overview................................................................... 22
9.2 Functional Block Diagram......................................... 22
9.3 Feature Description...................................................22
10 Application and Implementation................................ 24
10.1 Application Information........................................... 24
10.2 Typical Application.................................................. 24
10.3 Design Requirements............................................. 25
10.4 Detailed Design Procedure..................................... 25
10.5 Application Curve....................................................25
11 Power Supply Recommendations..............................25
12 Layout...........................................................................26
12.1 Layout Guidelines................................................... 26
12.2 Layout Example...................................................... 26
13 Device and Documentation Support..........................27
13.1 Documentation Support.......................................... 27
13.2 Receiving Notification of Documentation Updates..27
13.3 Support Resources................................................. 27
13.4 Trademarks.............................................................27
13.5 Electrostatic Discharge Caution..............................27
13.6 Glossary..................................................................27
14 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (May 2022) to Revision A (September 2022)
Page
• Changed the status from: Advanced Information to: Production Data ...............................................................1
TMUX4051, TMUX4052, TMUX4053
SCDS445A – MAY 2022 – REVISED SEPTEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX4051 TMUX4052 TMUX4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com