Electronic Components Datasheet Search
  English  ▼

X  

TMUX4051 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX4051
Description  TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX4051 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX4051 Datasheet HTML 17Page - Texas Instruments TMUX4051 Datasheet HTML 18Page - Texas Instruments TMUX4051 Datasheet HTML 19Page - Texas Instruments TMUX4051 Datasheet HTML 20Page - Texas Instruments TMUX4051 Datasheet HTML 21Page - Texas Instruments TMUX4051 Datasheet HTML 22Page - Texas Instruments TMUX4051 Datasheet HTML 23Page - Texas Instruments TMUX4051 Datasheet HTML 24Page - Texas Instruments TMUX4051 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
8.11 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the device. Figure
8-11 shows the setup used to measure bandwidth.
GND
NETWORK
ANALYZER
V
OUT
S
D
50
V
SIG
R
L
50
V
S
V
DD
0.1 µF
S
X
R
L
50
Figure 8-11. Bandwidth Measurement Setup
2
1
V
Attenuation
20 Log
V
§
·
˜
¨
¸
©
¹
(3)
www.ti.com
TMUX4051, TMUX4052, TMUX4053
SCDS445A – MAY 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX4051 TMUX4052 TMUX4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com