Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments TMUX7436F Datasheet HTML 34Page - Texas Instruments TMUX7436F Datasheet HTML 35Page - Texas Instruments TMUX7436F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Both the FF pin and the SF pin are an open-drain output and an external pull-up resistor of 1 kΩ is
recommended. The pull-up voltage can be in the range of 1.8 V to 5.5 V, depending on the controller voltage the
device interfaces with.
8.3.4 Bidirectional Operation
The TMUX7436F conducts equally well from source (Sx) to drain (Dx) or from drain (Dx) to source (Sx).
However, it is noted that the overvoltage protection is implemented only on the source (Sx) side. The voltage on
the drain is only allowed to swing between VDD and VSS and no overvotlage protection is available on the drain
side.
The flatest on-resistance region extends from VSS to roughly 3 V below VDD. Once the signal is within 3 V of VDD
the on-resistance will expoentially increase and may impact desired signal transmission.
8.3.5 1.8 V Logic Compatible Inputs
The TMUX7436F device has 1.8 V logic compatible control for all logic control inputs. 1.8 V logic level inputs
allows the TMUX7436F to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations,
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.6 Integrated Pull-Down Resistor on Logic Pins
The TMUX7436F has internal weak pull-down resistors to GND to ensure the logic pins are not left floating. The
value of this pull-down resistor is approximately 4 MΩ, but is clamped to about 1 µA at higher voltages. This
feature integrates up to four external components and reduces system size and cost.
8.4 Device Functional Modes
The TMUX7436F offers two modes of operation (normal mode and fault mode) depending on whether any of the
input pins experience an overvoltage condition.
8.4.1 Normal Mode
In Normal mode operation, signals of up to VDD and VSS can be passed through the switch from source (Sx) to
drain (Dx) or from drain (Dx) to source (Sx). As provided in Table 8-1, the select pins (SELx) and enable pin (EN)
determines which switch path to turn on. The following conditions must be satisfied for the switch to stay in the
ON condition:
• The difference between the supples (VDD – VSS) must be greater than or equal to 8 V, with a minimum VDD of
5 V.
• The input signals on the source (Sx) or the drain (Dx) must be be between VDD+ VT and VSS – VT.
• The logic control (SELx and EN) must have selected the switch.
8.4.2 Fault Mode
The TMUX7436F enters into Fault mode when any of the input signals on the source (Sx) pins exceed VDD
or VSS by a threshold voltage VT. Under the overvoltage condition, the switch input experiencing the fault
automatically turns off regardless of the logic status, and the source pin becomes high impedance with negligible
amount of leakage current flowing through the switch. For more information about how the drain pain (Dx)
behavior under the Fault mode can be programmed, see Section 8.3.2.4.
In the Fault mode, the general fault flag (FF) is asserted low. Table 8-1 provides how the specific flag (SF) is
asserted low depending on the status of the logic control pins SELx and EN.
The overvoltage protection is provided only for the source (Sx) input pins. The drain (Dx) pin, if used as signal
input, must stay in between VDD and VSS at all times since no overvoltage protection is implemented on the drain
pin.
TMUX7436F
SCDS459 – OCTOBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com