Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments TMUX7436F Datasheet HTML 24Page - Texas Instruments TMUX7436F Datasheet HTML 25Page - Texas Instruments TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
7.11 Charge Injection
Charge injection is a measure of the glitch impulse transferred from the logic input to the signal path during logic
pin switching, and is denoted by the symbol QINJ. Figure 7-12 shows the setup used to measure charge injection
from the source to drain.
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
GND
VEN
VOUT
Output
VD
0 V
3 V
VEN
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
S1A
D1 Output
S1B
CL
VS
S2A
D2 Output
S2B
CL
VS
EN
Figure 7-12. Charge-Injection Measurement Setup
7.12 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (Dx) of the device when a signal is applied to the
source pin (Sx) of an off-channel. Figure 7-13 shows the setup used to measure off isolation.
GND
S
D
VSIG
VOUT
50
50
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
50
SxA / SxB / Dx
VS
Figure 7-13. Off Isolation Measurement Setup
www.ti.com
TMUX7436F
SCDS459 – OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com