Electronic Components Datasheet Search
  English  ▼

X  

TPS61376 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61376
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61376 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61376 Datasheet HTML 8Page - Texas Instruments TPS61376 Datasheet HTML 9Page - Texas Instruments TPS61376 Datasheet HTML 10Page - Texas Instruments TPS61376 Datasheet HTML 11Page - Texas Instruments TPS61376 Datasheet HTML 12Page - Texas Instruments TPS61376 Datasheet HTML 13Page - Texas Instruments TPS61376 Datasheet HTML 14Page - Texas Instruments TPS61376 Datasheet HTML 15Page - Texas Instruments TPS61376 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
logic low, TPS61376 will scale the ISO FET to increase the on resistance to improve the input average current
accuracy. Meanwhile with ISEL pin logic low, the peak switching current limit will change from 4.5 A(typ) to 2.5
A(typ). The relationship between the input average current limit and the resistor is shown in Equation 3 and
Equation 4.
ILIM=43.2KRLIM  withISELpinlogichigh
(3)
ILIM=10.8KRLIM  withISELpinlogiclow
(4)
where
• RLIM is the resistance between the ILIM pin and the AGND pin.
• ILIM is the input average current limit.
For instance, the input average current limit is 3.0 A if the RLIM is 14.4 kΩ with ISEL pin logic high. This pin
cannot be left floating or connected to VCC.
8.3.6 Shut Down and Load Disconnect
When the input voltage is below the UVLO threshold or the EN pin is pulled low, The TPS61376 is in shutdown
mode and all the functions are disabled. The TPS61376 integrates a load disconnect function, the ISO FET
between the VP and SW pin will completely cut off the path between input and output when the device is
disabled.
8.3.7 Overvoltage Protection
If the output voltage at the VOUT pin is detected above 27.5 V (typ), the TPS61376 stops switching immediately
until the voltage at the VOUT pin drops the hysteresis value lower than the output overvoltage protection
threshold. This function prevents overvoltage on the output and secures the circuits connected to the output from
excessive overvoltage.
8.3.8 Thermal Shutdown
A thermal shutdown is implemented to prevent damages due to excessive heat and power dissipation. Typically,
the thermal shutdown happens at a junction temperature of 150°C. When the thermal shutdown is triggered, the
device stops switching until the junction temperature falls below typically 130°C, then the device starts switching
again.
8.4 Device Functional Modes
8.4.1 PWM Mode
The TPS61376 operates at a quasi-constant frequency pulse width modulation (PWM) in moderate to heavy
load condition before trigger the input average current limit. Based on the VIN to VOUT ratio, a circuit predicts
the required off-time of the switching cycle. At the beginning of each switching cycle, the low-side N-MOSFET
switch, shown in Functional Block Diagram, is turned on, and the inductor current ramps up to a peak current
that is determined by the output of the internal error amplifier. After the peak current is reached, the current
comparator trips, then it turns off the low-side N-MOSFET switch and the inductor current goes through the
schottky diode. Because the output voltage is higher than the input voltage, the inductor current decreases. Until
the calculated off-time is reached the low-side switch turns on again and the switching cycle is repeated.
8.4.2 Auto PFM Mode
The TPS61376 provides a seamless transition from PWM to PFM operation with smooth on-time/off-time (SOO)
mode and enables automatic pulse-skipping mode that provides excellent efficiency over a wide load range. As
load current decreasing or VIN rising, the output of the internal error amplifier decreases to lower the inductor
peak current, delivering less power to the load. When the output of the error amplifier goes down and reaches
a threshold of about 350-mA peak current, the output of the error amplifier is clamped at this value and does
not decrease any more, the TPS61376 extends its off-time of the switching period to deliver less energy to the
output and regulate the output voltage to the target.
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com