Electronic Components Datasheet Search
  English  ▼

X  

TPS61376 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61376
Description  TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61376 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61376 Datasheet HTML 1Page - Texas Instruments TPS61376 Datasheet HTML 2Page - Texas Instruments TPS61376 Datasheet HTML 3Page - Texas Instruments TPS61376 Datasheet HTML 4Page - Texas Instruments TPS61376 Datasheet HTML 5Page - Texas Instruments TPS61376 Datasheet HTML 6Page - Texas Instruments TPS61376 Datasheet HTML 7Page - Texas Instruments TPS61376 Datasheet HTML 8Page - Texas Instruments TPS61376 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings .............................................................. 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics.............................................6
7.6 Typical Characteristics................................................ 8
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................12
9 Application and Implementation.................................. 14
9.1 Application Information............................................. 14
9.2 Typical Application.................................................... 14
9.3 Power Supply Recommendations.............................21
9.4 Layout....................................................................... 21
10 Device and Documentation Support..........................24
10.1 Device Support....................................................... 24
10.2 Receiving Notification of Documentation Updates..24
10.3 Support Resources................................................. 24
10.4 Trademarks.............................................................24
10.5 Electrostatic Discharge Caution..............................24
10.6 Glossary..................................................................24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (January 2022) to Revision A (September 2022)
Page
• Changed device status from Advance Information to Production Data.............................................................. 1
TPS61376
SLVSGQ1A – JANUARY 2022 – REVISED SEPTEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPS61376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com