Electronic Components Datasheet Search
  English  ▼

X  

SP8720 Datasheet(PDF) 2 Page - General Electric Company

Part # SP8720
Description  ECL two-modulus divider, with ECL10K compatible outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SP8720 Datasheet(HTML) 2 Page - General Electric Company

  SP8720 Datasheet HTML 1Page - General Electric Company SP8720 Datasheet HTML 2Page - General Electric Company SP8720 Datasheet HTML 3Page - General Electric Company SP8720 Datasheet HTML 4Page - General Electric Company SP8720 Datasheet HTML 5Page - General Electric Company SP8720 Datasheet HTML 6Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SP8720
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply, frequency and temperature range
Supply voltage, VCC = 0V, VEE = 25·2V 6 0·25V
Temperature, T
AMB = 255°C to 1125°C (A Grade), 230°C to 170°C (B Grade)
Characteristic
Maximum frequency (sinewave input)
Minimum frequency (sinewave input)
Power supply current
Output high voltage
Output low voltage
PE input high voltage
PE input low voltage
Clock to output delay
Set-up time
Release time
Symbol
fMAX
fMIN
IEE
VOH
VOL
VINH
VINL
tp
ts
tr
300
2
0·85
2
1·8
2
0·93
2·5
3
Min.
Max.
40
65
2
0·7
2
1·5
2
1·62
6
Value
Units
Input = 400-800mV p-p
Input = 400-800mV p-p
VEE = 25·2V
VEE = 25·2V (25°C)
VEE = 25·2V (25°C)
VEE = 25·2V (25°C)
VEE = 25·2V (25°C)
Conditions
Notes
MHz
MHz
mA
V
V
V
V
ns
ns
ns
5
5
5
6
3, 6
4, 6
NOTES
1. The temperature coefficients of VOH = 11·63mV/°C, VOL = 10·94mV/°C and of VIN = 11·22mV/°C.
2. The test configuration for dynamic testing is shown in Fig.6.
3. The set-up time ts is defined as the minimum time that can elapse between L→H transition of control input and the next L→H clock pulse transition
to ensure that the 43 mode is obtained.
4. The release time tr is defined as the minimum time that can elapse between H→L transition of control input and the next L→H clock pulse transition
to ensure that the 44 mode is obtained.
5. SP8720B tested at 25
°C only.
6. Guaranteed but not tested.
L
H
L
H
PE1
L
L
H
H
TRUTH TABLE FOR
CONTROL INPUTS
4
3
3
3
PE2
Division ratio
2000
1600
1200
800
400
0
0
100
200
300
400
INPUT FREQUENCY (MHz)
* Tested as specified
in table of Electrical
Characteristics
GUARANTEED *
OPERATING
WINDOW
TAMB = 255°C TO 1125°C
Fig. 4 Typical input characteristic of SP8720A
Fig. 3 Timing diagram
2
tr
ts
1
CLOCK INPUT
PE INPUT
OUTPUT
2
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com