Electronic Components Datasheet Search
  English  ▼

X  

FDA2100BLV Datasheet(PDF) 2 Page - STMicroelectronics

Part # FDA2100BLV
Description  2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA2100BLV Datasheet(HTML) 2 Page - STMicroelectronics

  FDA2100BLV Datasheet HTML 1Page - STMicroelectronics FDA2100BLV Datasheet HTML 2Page - STMicroelectronics FDA2100BLV Datasheet HTML 3Page - STMicroelectronics FDA2100BLV Datasheet HTML 4Page - STMicroelectronics FDA2100BLV Datasheet HTML 5Page - STMicroelectronics FDA2100BLV Datasheet HTML 6Page - STMicroelectronics FDA2100BLV Datasheet HTML 7Page - STMicroelectronics FDA2100BLV Datasheet HTML 8Page - STMicroelectronics FDA2100BLV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Contents
FDA2100BLV
2/11
DocID030219 Rev 1
Contents
1
Block diagram and pins description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Device overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.1
TQFP64 (10x10x1 mm exp. pad up) package information . . . . . . . . . . . . . 7
4
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com