Electronic Components Datasheet Search
  English  ▼

X  

FDA2100BLV Datasheet(PDF) 4 Page - STMicroelectronics

Part # FDA2100BLV
Description  2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA2100BLV Datasheet(HTML) 4 Page - STMicroelectronics

  FDA2100BLV Datasheet HTML 1Page - STMicroelectronics FDA2100BLV Datasheet HTML 2Page - STMicroelectronics FDA2100BLV Datasheet HTML 3Page - STMicroelectronics FDA2100BLV Datasheet HTML 4Page - STMicroelectronics FDA2100BLV Datasheet HTML 5Page - STMicroelectronics FDA2100BLV Datasheet HTML 6Page - STMicroelectronics FDA2100BLV Datasheet HTML 7Page - STMicroelectronics FDA2100BLV Datasheet HTML 8Page - STMicroelectronics FDA2100BLV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Block diagram and pins description
FDA2100BLV
4/11
DocID030219 Rev 1
Table 2. Pins list description
Pin #
Pin name
Function
64
N.C.
Not connected
63
Gnd1-
Channel 1, half bridge power ground -
51-62
N.C.
Not connected
50
Gnd2-
Channel 2, half bridge power ground -
49
TAB
TAB connection
48
Feedback2-
Channel 2 half bridge feedback -
47
Out2-
Channel 2 half bridge output -
46
Out2-
Channel 2 half bridge output -
45
Vdd2-
Channel 2 half bridge power supply -
44
Vdd2+
Channel 2 half bridge power supply +
43
Out2+
Channel 2 half bridge output +
42
Out2+
Channel 2 half bridge output +
41
Feedback2+
Channel 2 half bridge feedback +
40
Gnd2+
Channel 2, half bridge power ground +
39
N.C.
Not connected
38
I2S-Clock
I2S/TDM clock Input
37
I2S-Sinc
I2S/TDM sinc Input
36
I2S-Data
I2S/TDM data Input
35
Test
Test pin (do not use)
34
I2C-Clock
I2C data Clock
33
I2C-Data
I2C data input
32
CD/DIAG
Clip detector and diagnostic output: over-current protection, thermal warning, offset
detection
31
Enable 2
Chip enable 2
30
Enable 1
Chip enable 1
29
PLL_Filter
PLL filter network
28
Mute
Mute input (6 μA source current)
27
D-Gnd
Digital ground
26
Dig-P
Positive digital supply V(svr)+1.65 (internally generated)
25
Dig-N
Negative digital supply V(svr)-1.65 (internally generated)
24
ExtTher
External thermal protection input
23
IsetProt
Current protection resistor setting
22
SVR
Supply voltage ripple rejection capacitor
21
An-N
Negative analog supply V(svr)-1.65 (internally generated)
20
An-P
Positive analog supply V(svr)+1.65 (internally generated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com