Electronic Components Datasheet Search
  English  ▼

X  

FDA801B-VYY Datasheet(PDF) 7 Page - STMicroelectronics

Part # FDA801B-VYY
Description  4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA801B-VYY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FDA801B-VYY Datasheet HTML 3Page - STMicroelectronics FDA801B-VYY Datasheet HTML 4Page - STMicroelectronics FDA801B-VYY Datasheet HTML 5Page - STMicroelectronics FDA801B-VYY Datasheet HTML 6Page - STMicroelectronics FDA801B-VYY Datasheet HTML 7Page - STMicroelectronics FDA801B-VYY Datasheet HTML 8Page - STMicroelectronics FDA801B-VYY Datasheet HTML 9Page - STMicroelectronics FDA801B-VYY Datasheet HTML 10Page - STMicroelectronics FDA801B-VYY Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DocID028632 Rev 1
7/11
FDA801B
General introduction
11
2
General introduction
FDA801B is a fully digital single chip class D amplifier with high immunity to the
demodulation filter effects. The high integration level and the on-board signal processing
allow excellent audio performance to be achieved.
Thanks to the digital input and to the feedback strategy in the power stage that make the
amplifier immune from the output filter components non-linearity, the number and size of the
external components are minimized.
A number of features are included to reduce EMI and the fully digital approach provides a
strong GSM immunity.
FDA801B includes: digital I2C and I2S interfaces, internal 24 bits DAC conversion, digital
signal processing for interpolation and noise shaping, innovative self-diagnostic functions
and automatic detection of wrong load connections or variation of the load, internal PLL for
a clock generation. Moreover FDA801B provides a breakthrough innovative digital
impedance-meter which is able to communicate via I2C the output load value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com