Electronic Components Datasheet Search
  English  ▼

X  

FDA801B-VYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA801B-VYY
Description  4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA801B-VYY Datasheet(HTML) 1 Page - STMicroelectronics

  FDA801B-VYY Datasheet HTML 1Page - STMicroelectronics FDA801B-VYY Datasheet HTML 2Page - STMicroelectronics FDA801B-VYY Datasheet HTML 3Page - STMicroelectronics FDA801B-VYY Datasheet HTML 4Page - STMicroelectronics FDA801B-VYY Datasheet HTML 5Page - STMicroelectronics FDA801B-VYY Datasheet HTML 6Page - STMicroelectronics FDA801B-VYY Datasheet HTML 7Page - STMicroelectronics FDA801B-VYY Datasheet HTML 8Page - STMicroelectronics FDA801B-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For further information contact your local STMicroelectronics sales office.
November 2015
DocID028632 Rev 1
1/11
FDA801B
4 x 50 W class-D digital input power amplifier with I2C diagnostics,
digital impedance meter (DIM) and low voltage operation
Data brief
Features
 Integrated 110 dB D/A conversion
 I2S and TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1 kHz, 48 kHz,
96 kHz, 192 kHz
 Class-D channels with 93% efficiency
 EMI control for AM compatibility
 EMI compliance evaluated following normative
IEC61967-4 and IEC62132-4
 Low radiation function (LRF)
 Idle tones free DAC
 Output lowpass filter included in the feedback
allowing lower cost filter components
 Max. output power
– 4 x 50 W/4 Ω @ 15.2 V, 1 kHz
 High output power capability
– 28 W/4 Ω 10 % THD, Vd = 14.4 V
 Full I2C bus driving (3.3/1.8 V):
– Channels independent tristate
– Channel independent soft play/mute
–I2C bus diagnostics , including DC and AC
load detection and load value recognition
(DIM)
 Integrated fault protection
 Input and output offset detector
 Clipping detector
 ESD protection
 6 V operation (“Start - Stop” engines
compatibility)
 2 and 1 Ω load driving capability
Description
FDA801B is a new BCD technology quad
BRIDGE class D amplifier, specially intended for
automotive applications.
Thanks to the technology used, it is possible to
integrate a high performance D/A converter
together with powerful MOSFET outputs in
class D, to get an outstanding efficiency
compared with the standard class AB.
The integrated D/A converter allows to reach
outstanding performances (110 dB S/N ratio with
108 dB of dynamic range). The feedback loop
includes the output L-C low-pass filter, allowing
superior frequency response linearity and lower
distortion independently from the inductor and
capacitor quality.
FDA801B is fully configurable through I2C bus
interface and integrates a full diagnostics array
specially intended for automotive applications.
Thanks to the solutions implemented to contain
EMI emissions, the device is intended to be used
in the standard single DIN car-radio box together
with the tuner.
Moreover FDA801B is able to work with power
supply as low as 6 V, thus supporting the most
recent low voltage ('start-stop') car-makers
specification.
LQFP64 (exposed pad up)
Table 1. Device summary
Order code
Package
Packing
FDA801B-VYY LQFP64 (exp. pad up)
Tray
FDA801B-VYT LQFP64 (exp. pad up) Tape & Reel
www.st.com


Similar Part No. - FDA801B-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA801 STMICROELECTRONICS-FDA801 Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
FDA801-VYT STMICROELECTRONICS-FDA801-VYT Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
FDA801-VYY STMICROELECTRONICS-FDA801-VYY Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
More results

Similar Description - FDA801B-VYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA901 STMICROELECTRONICS-FDA901 Datasheet
308Kb / 17P
4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
01-Mar-2019
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com