Electronic Components Datasheet Search
  English  ▼

X  

FDA903Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # FDA903Q
Description  1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903Q Datasheet(HTML) 5 Page - STMicroelectronics

  FDA903Q Datasheet HTML 1Page - STMicroelectronics FDA903Q Datasheet HTML 2Page - STMicroelectronics FDA903Q Datasheet HTML 3Page - STMicroelectronics FDA903Q Datasheet HTML 4Page - STMicroelectronics FDA903Q Datasheet HTML 5Page - STMicroelectronics FDA903Q Datasheet HTML 6Page - STMicroelectronics FDA903Q Datasheet HTML 7Page - STMicroelectronics FDA903Q Datasheet HTML 8Page - STMicroelectronics FDA903Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DB4489 Rev 1
5/16
FDA903Q
Description
15
1
Description
The FDA903Q is a single bridge class D amplifier, designed in the most advanced BCD
technology, intended for any automotive audio application (car radio, telematics and e-call,
noise and tone generators, etc).
The FDA903Q integrates a high performance D/A converter together with powerful
MOSFET outputs in class D, so it is very compact and powerful, moreover it reaches
outstanding efficiency performances (90%).
It has a very wide operating range: it can be operated both with standard car battery levels
(5.5-18 V operating, compatible to load dump pulse) and with external step-down generated
voltages or emergency battery (since it is compatible to minimum 3.3 V operative).
The feedback loop includes the output L-C low-pass filter, allowing superior frequency
response linearity and lower distortion.
FDA903Q is configurable through I2C bus interface and integrates a complete diagnostics
array specially intended for automotive applications including innovative open load and DC
offset detection in play mode.
Thanks to the solutions implemented to solve the EMI problems, the device is intended to
be used in the standard single DIN car-radio box together with the tuner.
Moreover, FDA903Q features a configurable amplitude limiter function, and can be
optionally operated under no I2C mode ('legacy mode').



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com