Electronic Components Datasheet Search
  English  ▼

X  

FDA903Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # FDA903Q
Description  1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FDA903Q Datasheet HTML 4Page - STMicroelectronics FDA903Q Datasheet HTML 5Page - STMicroelectronics FDA903Q Datasheet HTML 6Page - STMicroelectronics FDA903Q Datasheet HTML 7Page - STMicroelectronics FDA903Q Datasheet HTML 8Page - STMicroelectronics FDA903Q Datasheet HTML 9Page - STMicroelectronics FDA903Q Datasheet HTML 10Page - STMicroelectronics FDA903Q Datasheet HTML 11Page - STMicroelectronics FDA903Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Pin description
FDA903Q
8/16
DB4489 Rev 1
14
OUTM
Channel half bridge minus
Output
-
15
FBM
Channel half bridge minus, Feedback
Input
-
16
NC
Not connected
-
-
17
DGnd
Digital ground
Supply
-
18
DVdd
Digital supply
Supply
-
19
NC
Not connected
-
-
20
Enable1
Enable pin
Input
-
21
Enable2
Enable pin
Input
-
22
Enable3
Enable pin
Input
-
23
Enable4
Enable pin
Input
-
24
CDDiag
Clipping detector and diagnostic
Output
Open-Drain
25
D1V8SVR
Positive digital supply V(SVR)
+ 0.9 V (Internally generated)
Internal
-
26
DGSVR
Negative digital supply V(SVR)
- 0.9 V (Internally generated)
Internal
-
27
NC
Not connected
-
-
28
NC
Not connected
-
-
29
NC
Not connected
-
-
30
NC
Not connected
-
-
31
NC
Not connected
-
-
32
I2Cdata
I2C Data
Input/Output
Open-Drain
33
I2Cclk
I2C Clock
Input
-
34
NC
Not connected
-
-
35 I2SdataOut
I2S/TDM data and PWM synchronization
signal
Output
Pull-Up & Pull-Down
36
I2SdataIn I2S/TDM data
Input
-
37
I2Sclk
I2S/TDM Clock
Input
-
38
I2Sws
I2S/TDM Sync/Word Select
Input
-
39
AGnd
Analog ground
Supply
-
40
AVdd
Analog supply
Supply
-
41
A5VSVR
Positive Analog Supply V(SVR)
+ 2.5 V (Internally generated)
Internal
-
42
AGSVR
Negative Analog Supply V(SVR)
- 2.5 V (Internally generated)
Internal
-
43
SVR
Supply Voltage Ripple Rejection
Capacitor
Internal
-
44
HWMUTE Hardware mute pin
Input
-
45
NC
Not connected
-
-
Table 2. Pin list function (continued)
N#
Pin
Function
Definition
Internal structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com