Electronic Components Datasheet Search
  English  ▼

X  

L9177A Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9177A
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177A Datasheet(HTML) 2 Page - STMicroelectronics

  L9177A Datasheet HTML 1Page - STMicroelectronics L9177A Datasheet HTML 2Page - STMicroelectronics L9177A Datasheet HTML 3Page - STMicroelectronics L9177A Datasheet HTML 4Page - STMicroelectronics L9177A Datasheet HTML 5Page - STMicroelectronics L9177A Datasheet HTML 6Page - STMicroelectronics L9177A Datasheet HTML 7Page - STMicroelectronics L9177A Datasheet HTML 8Page - STMicroelectronics L9177A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
•
Full diagnosis by SPI
–
Injector driver: OL, STG, OC
–
Relay and current limited LSD drivers: OL, STG, OC
–
O2 sensor heater: OL, STG, OC
–
Tachometer: OL, STG, OC
–
Stepper motor driver: OL, STG, STB, OC
–
general diagnostic: over-temperature
•
Protection for STB, STG (for stepper motor drivers and tracking regulator)
•
Self configuring variable reluctance sensor interface
•
K-line transceiver
•
Microcontroller reset logic
•
Small Factor form package TQFP64 10 x 10 mm exposed pad down
Description
L9177A is a device realized in ST BCD proprietary technology, able to provide the
full set of power supplies and signal preprocessing peripherals needed to control a 2
Cylinder internal combustion Engine for Low End Application (e.g. small motorcycle,
K-car, nautical engines, etc.).
L9177A integrates a 5 V 300 mA main voltage regulator, a 5 V 40 mA tracking
regulator for sensor supply and a 2.5 mA 5 V standby regulator.
The two channels injector drivers, the O2 sensor heater and two relay drivers can be
controlled both with parallel input and with SPI interface. One additional relay driver
and the current limited low side driver are controlled by SPI. The stepper motor driver
is designed for a double winding coil motor, used for engine idle speed control.
Low side drivers implement SR control to minimize emission.
A protected 50 mA high side driver is provided.
A Variable Reluctance Sensor interface allows the connection to a commercial
magnetic pick-up, allowing the indirect measurement of internal combustion engine
crank angle. A K-line (standard ISO-9141 compatible) is provided as data
communication interface.
All functionalities are fully protected and provide complete diagnostics via a 24-bit
SPI interface. An overall protection against over temperature is provided as well.
The device is available in TQFP64 10x10 mm package with exposed pad for power
dissipation optimization.
L9177A
DS12175 - Rev 5
page 2/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com