Electronic Components Datasheet Search
  English  ▼

X  

L9177A Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9177A
Description  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9177A Datasheet HTML 34Page - STMicroelectronics L9177A Datasheet HTML 35Page - STMicroelectronics L9177A Datasheet HTML 36Page - STMicroelectronics L9177A Datasheet HTML 37Page - STMicroelectronics L9177A Datasheet HTML 38Page - STMicroelectronics L9177A Datasheet HTML 39Page - STMicroelectronics L9177A Datasheet HTML 40Page - STMicroelectronics L9177A Datasheet HTML 41Page - STMicroelectronics L9177A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Figure 32. Input-output behaviour of VRS interface
0.1
0.15
VRS voltage [V]
threshold
Squared signal
hysteresis
0.05
0.0
-0.05
-0.1
0.8
1
0.6
0.4
0.2
0
0.53
0.535
DT1
DT2
DT2<Tf
Tf
Tf = Filtering time
DT2>Tf
0.54
0.545
0.55
0.555
0.56
0.53
0.535
0.54
0.545
0.55
0.555
0.56
GAPGPS00615
3.6.3
Auto-adaptative time filter
This characteristic is useful to set the best internal filter time as function of the input signal
frequency.
The Tfilter time depends on the previous period duration Tn according to the following formula:
Tfilter(n+1) = 1/32 * Tn if Tn > Tfilter(n)
The filtering time purpose is to filter very short spikes.
The digital filtering time is applied to internal squared signal (int_vrs), obtained by voltage comparators.
The output of time filtering block is out_vrs signal.
The filtering time Tfilter is applied to int_vrs signal in two different ways:
•
Rising edge: if int_vrs high level lasts less than Tfilter, out_vrs is not set to high level.
•
In absence of any spikes during input signal rising edge out_vrs signal is expected with a delay of Tfilter
time.
•
Falling edge: the falling edge of int_vrs is not delayed through time filtering block: after falling edge for a time
Tfilter any other transition on int_vrs signal is ignored
The initial value (Default) and maximum for Tfilter must be considered at RPM_min = 20 e.g. Tmax filter = 180 µs.
The minimum available value is Tmin filter = 2.8 µs.
L9177A
VRS interface
DS12175 - Rev 5
page 38/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com