Electronic Components Datasheet Search
  English  ▼

X  

L9781TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9781TR
Description  Automotive multiple valve pre-driver for diesel and gasoline direct injection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9781TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9781TR Datasheet HTML 2Page - STMicroelectronics L9781TR Datasheet HTML 3Page - STMicroelectronics L9781TR Datasheet HTML 4Page - STMicroelectronics L9781TR Datasheet HTML 5Page - STMicroelectronics L9781TR Datasheet HTML 6Page - STMicroelectronics L9781TR Datasheet HTML 7Page - STMicroelectronics L9781TR Datasheet HTML 8Page - STMicroelectronics L9781TR Datasheet HTML 9Page - STMicroelectronics L9781TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
3.1
LQFP64 (10x10 mm) package information
Figure 3. LQFP64 (10x10 mm) package outline
θ
θ2
θ3
θ1
SECTION B-B
SECTION A-A
(see SECTION A-A)
BOTTOM VIEW
TOP VIEW
GADG3008181526PS
Table 2. LQFP64 (10x10 mm) package mechanical data (dimensions in mm)
Symbol
Min.
Typ.
Max.
Note
Ө
0°
3.5°
7°
Ө1
0°
-
-
Ө2
10°
12°
14°
Ө3
10°
12°
14°
A
-
-
1.60
L9781
Package information
DB3720 - Rev 1
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com