Electronic Components Datasheet Search
  English  ▼

X  

L9781TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9781TR
Description  Automotive multiple valve pre-driver for diesel and gasoline direct injection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9781TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9781TR Datasheet HTML 1Page - STMicroelectronics L9781TR Datasheet HTML 2Page - STMicroelectronics L9781TR Datasheet HTML 3Page - STMicroelectronics L9781TR Datasheet HTML 4Page - STMicroelectronics L9781TR Datasheet HTML 5Page - STMicroelectronics L9781TR Datasheet HTML 6Page - STMicroelectronics L9781TR Datasheet HTML 7Page - STMicroelectronics L9781TR Datasheet HTML 8Page - STMicroelectronics L9781TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LQFP64
GADG3108180823PS
Features
•
AEC-Q100 qualified
•
1 x DC/DC converter controller for VTank voltage generation (up to 80 V):
–
1 x low-side push-pull type N-channel MOSFET pre-driver
–
1 x current sensing block for current limitation
–
1 x voltage comparator with hysteresis for VTank voltage sensing
•
2 x driving channel controllers each made up of:
–
1 x high-side push-pull type VTank N-channel MOSFET pre-driver
–
1 x high-side push-pull type VBat N-channel MOSFET pre-driver
–
2 x low-side push-pull type N-channel MOSFET pre-driver
–
1 x differential amplifier with programmable gain for current sensing & peak
current detection
–
1 x digital-to-analog converter for peak current threshold setting
–
1 x HW protection and diagnosis block for full load protection from
accidental external short circuits
•
1 x additional peak and hold controller:
–
1 x high-side push-pull type VBat N-channel MOSFET pre-driver
–
1 x low-side push-pull type N-channel MOSFET pre-driver
–
1 x differential amplifier with programmable gain for current sensing and
peak current detection
–
1 x digital-to-analog converter for peak current threshold setting
–
1 x HW protection and diagnosis block for full load protection from
accidental external short circuits
•
1 x 32 bit SPI interface (up to 8 MHz)
–
IC general control
–
Programmable parameters setting
–
Diagnosis and hardware protection management
Description
The L9781 is a multi valve pre-driver capable of driving 11 external N-channel logic
level MOSFETs, controlling up to 5 inductive loads through peak and hold current
control and one DC/DC step-up converter, providing full protection against accidental
faults on the external hardware. The load peak and hold current control (together with
the diagnosis) is done by the internal configurable Finite State Machines (FSMs)
needing only the start of actuation commands from the main microcontroller.
Product status link
L9781
Product summary
Order code
Package
Packing
L9781
LQFP64
(10x10 mm)
Tray
L9781TR
Tape and
reel
Automotive multiple valve pre-driver for diesel and gasoline direct injection
L9781
Data brief
DB3720 - Rev 1 - September 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9781TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9780TR STMICROELECTRONICS-L9780TR Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
L9788TR STMICROELECTRONICS-L9788TR Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results

Similar Description - L9781TR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279 Datasheet
693Kb / 35P
Antenna Driver for Multiple Antennas
ATA5279 ATMEL-ATA5279_10 Datasheet
927Kb / 39P
Antenna Driver for Multiple Antennas
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
Automotive, Low-Side FET Pre-Driver
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279_14 Datasheet
1Mb / 37P
Antenna Driver for Multiple Antennas
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
Automotive 3-Phase BLDC Pre-Driver
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
3-Phase Brushless Motor Pre-driver for Automotive
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
Brushless / sensorless 3-phase motor pre-driver for automotive applications
12-Jul-2016
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com