Electronic Components Datasheet Search
  English  ▼

X  

L9961 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 46Page - STMicroelectronics L9961 Datasheet HTML 47Page - STMicroelectronics L9961 Datasheet HTML 48Page - STMicroelectronics L9961 Datasheet HTML 49Page - STMicroelectronics L9961 Datasheet HTML 50Page - STMicroelectronics L9961 Datasheet HTML 51Page - STMicroelectronics L9961 Datasheet HTML 52Page - STMicroelectronics L9961 Datasheet HTML 53Page - STMicroelectronics L9961 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
Table 38. Typical BOM of fuse circuit
Components
Value
Unit
Max. tolerance
Rating
Comments
RFUSE
2.2
kΩ
10%
1/8 W
Filter the signal coming from redundand protector
CFUSE
2.2
nF
10%
16 V
Filter the signal coming from redundand protector
RFUSE_EXT
2.2
kΩ
10%
1/8 W
Decoupling resistor for wired-OR connection with a secondary
protector
MFUSE
40 V
The STL7N6F7 is suggested
DZFUSE
14
V
Clamp the VGS of the fuse MOSFET
FUSE
15
A
36 V
The ITV4030L2015NR is suggested
RPD
1
MΩ
10%
1/8 W
Pull-down resistor. It is intended to keep the voltage low in
standby state.
5.7
Digital IOs
Figure 22. Typical digital IOs circuit
GADG220620221406SA
FAULTN_SAFE
RDY
VREG
FAULTN
VREG
SDA
SCL
VREG
VREG
NSHIP
VB
WAKEUP
L9961
NRES
GPIO1
GPIO2
SDA
SCL
GPIO3
MCU
RFLTS_UP
RFLT_UP
RSDA_UP
RSCL_UP
RRDY
CRDY
CNSHIP
RNSHIP_PD
CWAKEUP
RWAKEUP
RNSHIP
DWAKEUP
PB
Table 39. Typical BOM for digital IOs circuit
Components Value Unit Max. tolerance Rating
Comments
RFLTS_UP
4.7
kΩ
10%
1/10 W Pull-up resistor
RFLT_UP
4.7
kΩ
10%
1/10 W Pull-up resistor
RSCL_UP
4.7
kΩ
10%
1/10 W Pull-up resistor
RSDA_UP
4.7
kΩ
10%
1/10 W Pull-up resistor
RRDY
100
Ω
10%
1/8 W
LPF resistor for RDY signal. The differential filter cut-off frequency is
fC= 1
2πRRDYCRDY
RNSHIP
10
kΩ
10%
1/10 W Debouncing filter resistor for pushbutton
RNSHIP_PD
100
kΩ
10%
1/10 W Pull-down resistor
L9961
Digital IOs
DS14012 - Rev 1
page 50/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com