Electronic Components Datasheet Search
  English  ▼

X  

L9961 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics L9961 Datasheet HTML 27Page - STMicroelectronics L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
3.5.3
Overcurrent monitor
When the CSA is enabled, L9961 can protect the battery pack from overcurrent events in both charge and
discharge directions. The absolute value of each current sample is compared to a programmable digital threshold
CSA.
This diagnostic can be enabled via OVC_EN bit and covers the failures listed in Table 20.
To avoid false detections, overcurrent thresholds shall only be modified while OVC_EN = 0.
The recommended re-engagement strategy in case of persistent OVC failure detection is:
•
Poll the PERSIST_OVC_<x> flags for at least 5TCUR_FILTER to check if fault is still present
–
If the flag can be cleared, fault has disappeared and FET can be re-engaged
–
Otherwise, re-engaging the FET is not recommended and SW should let L9961 blow the FUSE (if not
masked)
Table 20. Overcurrent diagnostics
Fault type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
Overcurrent in charge
If the ISENSEM
– ISENSEP voltage
raises above
VOVC_CHG_TH, the
OVC_CHG fault is
acknowledged.
The OVC_CHG flag is
set
If the ISENSEM
– ISENSEP voltage
falls below VOVC_TH,
the OVC_CHG flag
can be cleared by
MCU
The Charge FET
is restored to the
status defined by the
CHG_ON bit
CSA_EN masks
measurement
execution. When
disabled, the
OVC_CHG flag can
always be cleared
The charge FET is
turned OFF
FAULTN line is
released
OVC_EN masks
diagnostic execution
and all reactions.
When disabled, the
OVC_CHG flag can
always be cleared
FAULTN line is
asserted
OVC_CHG_PRDRV_
MSK masks reaction
on CHG pin
OVC_CHG_FAULTN_
MSK masks reaction
on FAULTN pin
Persistent charge
current
If the CHG FET
is OFF (either
commanded by
user or forced
by diagnostics) and
the ISENSEM –
ISENSEP voltage
raises above
VPERSIST_OVC_TH,
for 4 consecutive
samples, the
PERSIST_OVC_CHG
fault is acknowledged.
The
PERSIST_OVC_CHG
flag is set
If the ISENSEM
– ISENSEP
voltage falls below
VPERSIST_OVC_TH for
4 consecutive
samples, the
PERSIST_OVC_CHG
flag can be cleared by
MCU
FUSE pre-driver is
disabled
CSA_EN masks
measurement
execution. When
disabled, the
PERSIST_OVC_CHG
flag can always be
cleared
FUSE pre-driver is
enabled
If CHG FET is
ON and OVC_EN
is ENABLE, the
PERSIST_OVC_CHG
counter is reset to 0
FAULTN line is
released
OVC_EN masks
diagnostic execution
and all reactions.
When disabled, the
PERSIST_OVC_CHG
flag can always be
cleared
FAULTN line is
asserted
PERSIST_OVC_CHG
_FUSE_MSK masks
reaction on FUSE pin
PERSIST_OVC_CHG
_FAULTN_MSK
masks reaction on
FAULTN pin
L9961
Current conversion routine
DS14012 - Rev 1
page 29/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com