Electronic Components Datasheet Search
  English  ▼

X  

TDA75610DLVPD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA75610DLVPD Datasheet HTML 3Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 4Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 5Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 6Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 7Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 8Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 9Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 10Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DocID024175 Rev 8
7/37
TDA75610DLVPD
Pin description
2
Pin description
Figure 3. Pin connection diagram (top of view)
For channel name reference: CH1 = LF, CH2 = LR, CH3 = RF, CH4 = RR.
Table 2. Pin list description
Pin #
Pin name
Function
1TAB
-
2
OUT4+
Channel 4, + output
3CK
I2C bus clock/HE selector
4
PWGND4
Channel 4 output power ground
5
NC
Not connected
6
VCC4
Supply voltage pin 4
7DATA
I2C bus data pin/gain selector
8
OUT4-
Channel 4, - output
9
ADSEL
Address selector pin/ I2C bus disable (legacy select)
10
OUT2-
Channel 2, - output
11
STBY
Standby pin
12
VCC2
Supply voltage pin 2
13
PWGND2
Channel 2 output power ground
14
NC
Not connected
15
NC
Not connected
16
CD
Clip detector output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com