Electronic Components Datasheet Search
  English  ▼

X  

TDA75610DLVPD Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA75610DLVPD Datasheet HTML 24Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 25Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 26Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 27Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 28Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 29Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 30Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 31Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
I2C bus
TDA75610DLVPD
28/37
DocID024175 Rev 8
9.3.2
Start and stop conditions
As shown by Figure 38 a start condition is a HIGH to LOW transition of the SDA line while
SCL is HIGH. The stop condition is a LOW to HIGH transition of the SDA line while SCL is
HIGH.
9.3.3
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
9.3.4
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse (see Figure 39). The receiver** has to pull-down (LOW) the SDA line during the
acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse.
* Transmitter
master (µP) when it writes an address to the TDA75610DLVPD
slave (TDA75610DLVPD) when the µP reads a data byte from TDA75610DLVPD
** Receiver
slave (TDA75610DLVPD) when the µP writes an address to the TDA75610DLVPD
master (µP) when it reads a data byte from TDA75610DLVPD
Figure 37. Data validity on the I2C bus
Figure 38. Timing diagram on the I2C bus
Figure 39. Acknowledge on the I2C bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com