Electronic Components Datasheet Search
  English  ▼

X  

AP21510 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP21510
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP21510 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP21510 Datasheet HTML 6Page - Diodes Incorporated AP21510 Datasheet HTML 7Page - Diodes Incorporated AP21510 Datasheet HTML 8Page - Diodes Incorporated AP21510 Datasheet HTML 9Page - Diodes Incorporated AP21510 Datasheet HTML 10Page - Diodes Incorporated AP21510 Datasheet HTML 11Page - Diodes Incorporated AP21510 Datasheet HTML 12Page - Diodes Incorporated AP21510 Datasheet HTML 13Page - Diodes Incorporated AP21510 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP21410 / AP21510
Document number: DS37707 Rev. 2 - 2
13 of 14
www.diodes.com
June 2015
© Diodes Incorporated
AP21410 / AP21510
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(1)
Package Type: U-DFN2018-6
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1)
Package Type: U-DFN2018-6
U-DFN2018-6
Dim
Min
Max
Typ
A
0.545 0.605 0.575
A1
0
0.05
0.02
A3

 0.13
b
0.15
0.25
0.20
D
1.750 1.875 1.80
D2
1.30
1.50
1.40
e

 0.50
E
1.95 2.075 2.00
E2
0.90
1.10
1.00
L
0.20
0.30
0.25
z
0.30
All Dimensions in mm
Dimensions
Value (in mm)
C
0.50
G
0.20
X
0.25
X1
1.60
Y
0.35
Y1
1.20
SEATING PLANE
E
E2
L
A
D
D2
A3
A1
e
b
Pin#1 ID
z
Y
X
C
X1
G
Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com