Electronic Components Datasheet Search
  English  ▼

X  

AP21510 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP21510
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP21510 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP21510 Datasheet HTML 1Page - Diodes Incorporated AP21510 Datasheet HTML 2Page - Diodes Incorporated AP21510 Datasheet HTML 3Page - Diodes Incorporated AP21510 Datasheet HTML 4Page - Diodes Incorporated AP21510 Datasheet HTML 5Page - Diodes Incorporated AP21510 Datasheet HTML 6Page - Diodes Incorporated AP21510 Datasheet HTML 7Page - Diodes Incorporated AP21510 Datasheet HTML 8Page - Diodes Incorporated AP21510 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP21410 / AP21510
Document number: DS37707 Rev. 2 - 2
2 of 14
www.diodes.com
June 2015
© Diodes Incorporated
AP21410 / AP21510
Available Options
Part Number
Channel
Enable Pin (EN)
Current Limit (Typical)
Recommended Maximum Continuous Load Current
AP21410
1
Active Low
0.4A
0.2A
AP21510
1
Active High
0.4A
0.2A
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Ground
2
IN
Voltage Input Pin (all IN pins must be tied together externally).
3
EN
Enable Input. Active Low (AP21410) and Active High (AP21510)
4
NC
No internal connection
5, 6
OUT
Voltage Output Pin (all OUT pins must be tied together externally).
Exposed
Pad
Exposed
Pad
Exposed Pad.
It should be externally connected to GND plane and thermal mass for enhanced thermal impedance.
It should not be used as electrical ground conduction path.
Functional Block Diagram
AP21410, AP21510
Thermal
Sense
Driver
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com