Electronic Components Datasheet Search
  English  ▼

X  

AP2401A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2401A
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401A Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2401A Datasheet HTML 1Page - Diodes Incorporated AP2401A Datasheet HTML 2Page - Diodes Incorporated AP2401A Datasheet HTML 3Page - Diodes Incorporated AP2401A Datasheet HTML 4Page - Diodes Incorporated AP2401A Datasheet HTML 5Page - Diodes Incorporated AP2401A Datasheet HTML 6Page - Diodes Incorporated AP2401A Datasheet HTML 7Page - Diodes Incorporated AP2401A Datasheet HTML 8Page - Diodes Incorporated AP2401A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AP2401A/AP2411A
Document number: DS37744 Rev. 1 - 2
5 of 18
www.diodes.com
March 2015
© Diodes Incorporated
AP2401A/AP2411A
Typical Performance Characteristics
V
V
V
VEN
EN
EN
EN
90
90
90
90%
%
%
%
V
V
V
VOUT
OUT
OUT
OUT
T
T
T
TDDDD((((ON
ON
ON
ON))))
10
10
10
10%
%
%
%
T
T
T
TDDDD((((OFF
OFF
OFF
OFF))))
50
50
50
50%
%
%
%
50
50
50
50%
%
%
%
T
T
T
TRRRR
10
10
10
10%
%
%
%
90
90
90
90%
%
%
%
T
T
T
TFFFF
V
V
V
VEN
EN
EN
EN
90
90
90
90%
%
%
%
V
V
V
VOUT
OUT
OUT
OUT
T
T
T
TDDDD((((ON
ON
ON
ON))))
10
10
10
10%
%
%
%
T
T
T
TDDDD((((OFF
OFF
OFF
OFF))))
50
50
50
50%
%
%
%
50
50
50
50%
%
%
%
T
T
T
TRRRR
10
10
10
10%
%
%
%
90
90
90
90%
%
%
%
T
T
T
TFFFF
Figure 1 Voltage Waveforms: AP2401A (left), AP2411A (right)
All Enable Plots are for Enable Active Low
Turn-Off Delay and Fall Time
TA=25°C
VIN=5V
CL=120µF
ROUT=2.5
Vout
2V/div
Ven
5V/div
Iin
1A/div
Device Disable
Turn-On Delay and Rise Time
TA=25°C
VIN=5V
CL=120µF
ROUT=2.5
Vout
2V/div
Ven
5V/div
Iin
1A/div
Inrush Current Limit
Device Enable
Turn-Off Delay and Fall Time
TA=25°C
VIN=5V
CL=1µF
ROUT=2.5
Vout
2V/div
Ven
5V/div
Iin
1A/div
Device Disable
Turn-On Delay and Rise Time
TA=25°C
VIN=5V
CL=1µF
ROUT=2.5
Vout
2V/div
Ven
5V/div
Iin
1A/div
Device Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com