Electronic Components Datasheet Search
  English  ▼

X  

AP2401A Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP2401A
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401A Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP2401A Datasheet HTML 10Page - Diodes Incorporated AP2401A Datasheet HTML 11Page - Diodes Incorporated AP2401A Datasheet HTML 12Page - Diodes Incorporated AP2401A Datasheet HTML 13Page - Diodes Incorporated AP2401A Datasheet HTML 14Page - Diodes Incorporated AP2401A Datasheet HTML 15Page - Diodes Incorporated AP2401A Datasheet HTML 16Page - Diodes Incorporated AP2401A Datasheet HTML 17Page - Diodes Incorporated AP2401A Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP2401A/AP2411A
Document number: DS37744 Rev. 1 - 2
16 of 18
www.diodes.com
March 2015
© Diodes Incorporated
AP2401A/AP2411A
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) Package type: SO-8
(2) Package type: MSOP-8
(3) Package type: MSOP-8EP
Dimensions
Value (in mm)
X
0.60
Y
1.55
C1
5.4
C2
1.27
Dimensions Value (in mm)
C
0.650
X
0.450
Y
1.350
Y1
5.300
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
X
C
Y
Y1
X
C1
C2
Y
G
X
C
Y
Y2
Y1
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com