Electronic Components Datasheet Search
  English  ▼

X  

VL53L1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 4Page - STMicroelectronics VL53L1 Datasheet HTML 5Page - STMicroelectronics VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Functional description
VL53L1
8/39
DocID029631 Rev 12
2
Functional description
2.1
System functional description
Figure 4 shows the system level functional description. The host customer application
controls the VL53L1 device using an API (application programming interface). The API
implementation is delivered to the customer as a driver (Bare C code, or Linux/Android
driver).
The driver shares with the customer application a set of high level functions that allow
control of the VL53L1 firmware like initialization, ranging start/stop, setting the system
accuracy, and choice of ranging mode.
The driver is a turnkey solution consisting of a set of “C” functions that enables fast
development of end user applications without the complication of direct multiple register
access. The driver is structured in a way that it can be compiled on any kind of platform
through a well abstracted platform layer. The driver package allows the user to take full
advantage of VL53L1 capabilities.
A detailed description of the driver is available in the VL53L1 driver user manual
(UM2133).
The VL53L1 firmware fully manages the hardware register accesses.
Section 2.2: Firmware state machine description details the firmware state machine.
Figure 4. VL53L1 system functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com