Electronic Components Datasheet Search
  English  ▼

X  

VL53L1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 6Page - STMicroelectronics VL53L1 Datasheet HTML 7Page - STMicroelectronics VL53L1 Datasheet HTML 8Page - STMicroelectronics VL53L1 Datasheet HTML 9Page - STMicroelectronics VL53L1 Datasheet HTML 10Page - STMicroelectronics VL53L1 Datasheet HTML 11Page - STMicroelectronics VL53L1 Datasheet HTML 12Page - STMicroelectronics VL53L1 Datasheet HTML 13Page - STMicroelectronics VL53L1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Functional description
VL53L1
10/39
DocID029631 Rev 12
2.3
Customer manufacturing calibration flow
The detailed procedure is provided in the VL53L1 driver user manual (UM2133).
2.4
Device programming and control
The VL53L1 physical control interface is I2C, described in Section 3: Control interface.
A software layer (driver) is provided to control the device. This avoids complex I2C register
operations with turnkey functions to start, stop and read the ranging values.
The driver structure and functions are described in the VL53L1 driver user manual
(UM2133).
2.5
Description of operating “preset” modes
The VL53L1 software driver proposes four turnkey operating modes (called “preset”) to
allow fast and easy ranging in all customer applications:
Ranging mode
Multizone scanning mode
Lite ranging mode
Autonomous mode
Ranging mode is the default (recommended) configuration to the get best of the VL53L1
functionalities.
Ranging mode is natively immune to coverglass crosstalk and smudge beyond
80 cm. With patented algorithms (direct Time-of-Flight), a temporal filtering is possible
to distinguish crosstalk from object signal over long distance > 80 cm. Best-in-class
ranging performance of 300 cm+ with coverglass in place is now possible, and can be
reached with any computation unlike other sensors in the market.
Ranging mode can detect several objects concurrently within the FoV. Up to four
ranges can be output simultaneously by the software driver, to indicate objects range.
Check the latest software driver manual for further details.
Ranging mode is compatible with ROI (region of interest) selection: the user may chose
a custom FoV by software, from 4x4 SPADs (minimum size) up to 16x16 SPADs (full
FoV). This gives full flexibility to support “touch-to-focus” or custom ranging.
Ranging operation is performed by default at 60 Hz once the driver function is called
(typical ranging operation lasts 16 ms). It includes internal housekeeping, ranging and
post-processing.
Multizone scanning mode provides ranging results of all selected ROIs sequentially:
quadrant (4 zones), 9 zones, 16 zones or custom number of zones and location. In each
ROI the VL53L1 system can also detect multiple objects, and the software driver returns a
ranging quality level and signal, in addition to the distance in millimeters.
Lite ranging mode is recommended to minimize the post processing with a low-
performance host (microcontroller or low frequency CPU).
Autonomous mode triggers ranging interrupts under certain conditions: the user can set
distance thresholds, signal thresholds, and a timing interval between two consecutive
ranging operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com