Electronic Components Datasheet Search
  English  ▼

X  

VL6180 Datasheet(PDF) 54 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 50Page - STMicroelectronics VL6180 Datasheet HTML 51Page - STMicroelectronics VL6180 Datasheet HTML 52Page - STMicroelectronics VL6180 Datasheet HTML 53Page - STMicroelectronics VL6180 Datasheet HTML 54Page - STMicroelectronics VL6180 Datasheet HTML 55Page - STMicroelectronics VL6180 Datasheet HTML 56Page - STMicroelectronics VL6180 Datasheet HTML 57Page - STMicroelectronics VL6180 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Device registers
VL6180
54/73
DocID024986 Rev 14
6.2.27
SYSRANGE__MAX_AMBIENT_LEVEL_MULT
Address:
0x02C
Type:
R/W
Reset:
0xA0, register default overwritten at boot-up by NVM contents.
Description:
6.2.28
SYSRANGE__RANGE_CHECK_ENABLES
Address:
0x02D
Type:
R/W
Reset:
0x11, register default overwritten at boot-up by NVM contents.
Description:
7
654
321
0
sysrange__max_ambient_level_mult
R/W
[7:0]
sysrange__max_ambient_level_mult: User input value to multiply return_signal_count for
AMB:signal ratio check. If amb counts > return_signal_count * mult then abandon
measurement due to high ambient (4.4 format).
7
654
321
0
RR/W
R/W
R
R/W
R/W
[4]
sysrange__signal_to_noise_enable: Measurement enable/disable
[1]
sysrange__range_ignore_enable: Measurement enable/disable
[0]
sysrange__early_convergence_enable: Measurement enable/disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com