Electronic Components Datasheet Search
  English  ▼

X  

ENC-03J Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IRA-E710ST0
IRA-E910ST1
578
CG01-J Rev. 1
DIMENSIONS: mm
IRA-E700ST0/ IRA-E710ST0
IRA-E900ST1/ IRA-E910ST1
IRA-E410
OLD PART NUMBERING SYSTEM
IRA
–
E
S
SERIES
FAMILY
TYPE
710 and 910
families with
RF immunity
SENSORS
PYROELECTRIC INFRARED SENSORS
IRA SERIES
Our pyroelectric infrared sensors
exhibit high sensitivity and reliable
performance made possible by
Murata’s ceramic technology.
FEATURES
I Precisely detects infrared emissions
from the human body
I Designed to prevent malfunction due
to external light
I E710 and 910 with immunity to RFI
I New gold plated pins
APPLICATIONS
I Burglar alarms
I Human detection devices
I Switches
I Lighting appliances
I Household appliances
I Toys
I Measure temperature
I Flame detection
For more detailed information regarding this product line in North America, contact us.
To receive additional information on Murata Products call 1-800-831-9172.
SPECIFICATIONS
IRA
Part Number
Element Type
Optical Wavelength
Field of View
Operating
Applications
Family
Range
Temperature Range
IRA-E410QW1
4.3 m band pass
Flame detection
E400
IRA-E410ST1
Single
5 ~ 20 m high pass
17° x 17°
–25 ~ +55°C
Burglar alarms, light controls
IRA-E410S1
1 ~ 20 m
Temperature measurement
E700
IRA-E700ST0
Dual
5 ~ 14 m long pass
45° x 45°
–40 ~ +70°C
Burglar alarms, appliances,
IRA-E710ST0
Burglar alarms with RFI immunity
E900
IRA-E900ST1
Quad
5 ~ 14 m
41° x 41°
–25 ~ +55°C
Burglar alarms, light control
IRA-E910ST1
appliances with RFI immunity
9.2
3.6
4.9
11.0
5.0
d
s
g
0.45
1
2
••
•
d
s
g
9.1
2
3.7
4.7
4.7
11.0
3.6
0.45
1
9.2
2
4.7
4.7
11.0
3.6
0.45
1
d
s
g
Rg
d
s
g
DIAGRAM
Rg
d
s
g
IR
A-
E710ST
1
PRODUCT ID
TYPE
CHARACTERISTICS
INDIVIDUAL
SPECIFICATION
CODE
*Global Part Number shows only an example which might be different from actual part number.
*“Characteristics” and “Individual Specification Code” might have different digit number from
actual Global Part Number.
NEW PART NUMBERING SYSTEM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com