Electronic Components Datasheet Search
  English  ▼

X  

ENC-03J Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # ENC-03J
Description  PIEZOELECTRIC VIBRATING GYROSCOPE ENV-05D SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

ENC-03J Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

  ENC-03J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 5Page - Murata Manufacturing Co., Ltd ENC-03J Datasheet HTML 6Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BS05T1PFAA
BS05N1HGAA
BS05i1KFAB
8.0
11.0
MR element
8.0
3.0
5.0
± 1.0
6.3
10.0
Sensing Direction
Sensing Direction
8.8
C only
0.2
8.1
11.1
Sensing Direction
(10.8)
10.1
± 0.5
15
°
5.2
42.5
11
± 0.2
5.6
15
± 0.2
SENSORS
MAGNETIC PATTERN RECOGNITION SENSORS
BS05N/05C SERIES
FEATURES
I High sensitivity and excellent gap
characteristics
I Output voltage is independent of
scanning speed.
I Compact size and light weight make
them ideal for downsizing.
I Low cost is achieved by BS05N
Series due to its simple structure.
I BS05N1HGAA has superior noise
immunity against induced noise
originated from motors and
transformers.
APPLICATIONS
I Bank note validators
I Magnetic ink document readers
I Magnetic tape readers
I Magnetic gear detectors
‚Available as standard through authorized Murata Electronics Distributors.
For more detailed information regarding this product line in North America, consult us. To receive additional information on Murata Products call 1-800-831-9172.
*Per Murata’s test procedure (gain: approx. 1,100, AC current method)
†Per Murata’s test procedure (direct reading of test pattern)
DIMENSIONS: mm
SPECIFICATIONS
Part Number
Supply Voltage
Total Resistance
Output Voltage
Detection Width
Resolution
Operating
(Vcc) V
(at 25°C) K
(at 25°C) mV (rms)
(mm)
(mm)
Temperature (°C)
BS05N1HGAA
5.0 ± 0.5
0.5 ~ 6
235 min.*
3
0.75
–20 ~ +60
BS05T1PFAA
5.0 ± 0.5
0.5 ~ 6
400 min.*
1.5
0.75
–20 ~ +60
BS05I1KFAB
5.0 ± 0.5
0.6 ~ 15
0.3 ~ 0.8†
10
0.75
–20 ~ +60
OLD PART NUMBERING SYSTEM
BS05
N
XXXXX
SERIES
DURABILITY
SUFFIX
N
C
I
CG01-J Rev. 1
579
BS
05W
1KFAB
PRODUCT ID
TYPE
CHARACTERISTICS
INDIVIDUAL
SPECIFICATION
CODE
*Global Part Number shows only an example which might be different from actual part number.
*Any other definitions than “Product ID” might have different digit number from actual Global Part Number.
NEW PART NUMBERING SYSTEM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com