Electronic Components Datasheet Search
  English  ▼

X  

AP43770 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP43770
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43770 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP43770 Datasheet HTML 1Page - Diodes Incorporated AP43770 Datasheet HTML 2Page - Diodes Incorporated AP43770 Datasheet HTML 3Page - Diodes Incorporated AP43770 Datasheet HTML 4Page - Diodes Incorporated AP43770 Datasheet HTML 5Page - Diodes Incorporated AP43770 Datasheet HTML 6Page - Diodes Incorporated AP43770 Datasheet HTML 7Page - Diodes Incorporated AP43770 Datasheet HTML 8Page - Diodes Incorporated AP43770 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP43770
Document number: DS41284 Rev. 6 - 3
2 of 9
www.diodes.com
July 2020
© Diodes Incorporated
AP43770
Typical Applications Circuit
CY 1
R4
R8
C6
C3
C8
T1
U2
R19
C9
GND
GATE
FB
SENSE
VCC-IN
U1
Q1
D7
R6
R7
DEM
C4
R18
DRISR VCC
GND
VDD
AREF
VDET
R20
C12
Q2
U3
C7
C13
HV
VCC
CTRL
RT1
SR IC
R16
CC1
AGND
VFB_OUT
VIN_PS
U4
CC2
V5V
PWR_ENB
VBUS
VFB
IFB
TS
ISENP
RT2
C16
C17
C18
C19
R21
R 22
C20
R25
C11
DP
DN
Vo
GND
CON1
CC2
CC1
D -
D+
AC
R11
D5
F1
C5
NTC1
R10
BD1
C 2
L 2
R14
D6
C1
R15
C10
R13
R12
L1
R2
C21
V18V
PGND
R26
R27
AP43770
Q3
R24
PWM IC
Pin Descriptions
Pin Number
Pin Name
Description
1
V5V
LDO5V Output, 10µF to GND
2
IFB
CC Input. Negative Node of CC OPAM for Photocoupler
3
VFB
CV Input. Negative Node of CV OPAM for Photocoupler
4
AGND
Ground
5
DP
USB D+ Input
6
DN
USB D- Input
7
CC1
Type-C_CC1
8
CC2
Type-C_CC2
9
V18V
LDO1.8V Output, 0.1µF to GND
10
PGND
Ground
11
VBUS
VBUS Terminal for Discharge Path
12
PWR_ENB
External PMOS Gate Driver. To Control External MOS Switch:
0: To Enable VBUS Voltage
1: Disconnect VBUS
13
VIN_PS
High Voltage Power Input (VMAX = 32V)
14
ISENP
Input Current Sense Positive Node
15
TS
Source Current (100µA) to External NTC Sensor for External OTP (Over Temperature Protection)
16
VFB_OUT
CC / CV Output. Open-Drain Output for Photocoupler (For Example, TL431)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com