Electronic Components Datasheet Search
  English  ▼

X  

AP43770 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP43770
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43770 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP43770 Datasheet HTML 1Page - Diodes Incorporated AP43770 Datasheet HTML 2Page - Diodes Incorporated AP43770 Datasheet HTML 3Page - Diodes Incorporated AP43770 Datasheet HTML 4Page - Diodes Incorporated AP43770 Datasheet HTML 5Page - Diodes Incorporated AP43770 Datasheet HTML 6Page - Diodes Incorporated AP43770 Datasheet HTML 7Page - Diodes Incorporated AP43770 Datasheet HTML 8Page - Diodes Incorporated AP43770 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP43770
Document number: DS41284 Rev. 6 - 3
3 of 9
www.diodes.com
July 2020
© Diodes Incorporated
AP43770
Functional Block Diagram
VIN_ PS
LDO 5V/1.8V
OSC
Digital Control Logic
USB Type C
QC 4/4+
QC 3.0
QC 2.0
BMCTxRx
OTP/MTP
ROM
Protection
( OCP, UVP, SCP, OTP & OVP)
CC1
CC2
TS
DP
DN
VFB_ OUT
CC /CV
ISENP
VBUS
SENSE
PWR_ ENB
5
8
7
16
15
14
13
12
11
6
1
2
3
4
V5V
IFB
VFB
AGND
9
10
V18V
PGND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com