Electronic Components Datasheet Search
  English  ▼

X  

AP43771 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP43771
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP43771 Datasheet HTML 2Page - Diodes Incorporated AP43771 Datasheet HTML 3Page - Diodes Incorporated AP43771 Datasheet HTML 4Page - Diodes Incorporated AP43771 Datasheet HTML 5Page - Diodes Incorporated AP43771 Datasheet HTML 6Page - Diodes Incorporated AP43771 Datasheet HTML 7Page - Diodes Incorporated AP43771 Datasheet HTML 8Page - Diodes Incorporated AP43771 Datasheet HTML 9Page - Diodes Incorporated AP43771 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
8 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Ordering Information
AP43771 X - X - F X X
13: 13 inch
Tape and Reel
Product Name
Packing
Package
FBZ: W- DFN3030-14
( Type A1)
Firmware Code
Application Code
Firmware Version
A to Z: Application Code
Blank: Without Firmware
01 to 99: Version Code
Blank: Without Firmware
F: Firmware Loaded
Blank: Without Firmware
Part Number
Part Number Suffix
Package
Identification Code
Packing
Qty.
Carrier
AP43771FBZ-13-FXX
-13
W-DFN3030-14 (Type A1)
3V
3000
Tape and Reel
Marking Information
( Top View )
Y W X
3V
3V : Identification Code
X : Internal Code
Y : Year : 0 to 9
W : Week : A to Z : week 1 to 26;
a to z : week 27 to 52; z represents
week 52 and 53



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com