Electronic Components Datasheet Search
  English  ▼

X  

AP43771 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP43771
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP43771 Datasheet HTML 2Page - Diodes Incorporated AP43771 Datasheet HTML 3Page - Diodes Incorporated AP43771 Datasheet HTML 4Page - Diodes Incorporated AP43771 Datasheet HTML 5Page - Diodes Incorporated AP43771 Datasheet HTML 6Page - Diodes Incorporated AP43771 Datasheet HTML 7Page - Diodes Incorporated AP43771 Datasheet HTML 8Page - Diodes Incorporated AP43771 Datasheet HTML 9Page - Diodes Incorporated AP43771 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
9 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-DFN3030-14 (Type A1)
W-DFN3030-14
(Type A1)
Dim
Min
Max
Typ
A
0.70
0.80
0.75
A1
0
0.05
0.02
A3
0.203REF
b
0.15
0.25
0.20
D
3.00BSC
D2
2.55
2.65
2.60
e
0.40BSC
E
3.00BSC
E2
1.65
1.75
1.70
k
0.20
--
--
L
0.35
0.45
0.40
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-DFN3030-14 (Type A1)
Dimensions Value (in mm)
C
0.40
X
0.27
X1
2.70
Y
0.45
Y1
1.80
Y2
3.10
e
b
A
A1
A3
1
14
C0.35X45°
SEATING PLANE
E
D
D2
E2
L
k
Y2
X1
Y1
Y
C
X



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com