Electronic Components Datasheet Search
  English  ▼

X  

AP65111 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65111
Description  TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65111 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65111 Datasheet HTML 1Page - Diodes Incorporated AP65111 Datasheet HTML 2Page - Diodes Incorporated AP65111 Datasheet HTML 3Page - Diodes Incorporated AP65111 Datasheet HTML 4Page - Diodes Incorporated AP65111 Datasheet HTML 5Page - Diodes Incorporated AP65111 Datasheet HTML 6Page - Diodes Incorporated AP65111 Datasheet HTML 7Page - Diodes Incorporated AP65111 Datasheet HTML 8Page - Diodes Incorporated AP65111 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP65111
Document number: DS39153 Rev. 3 - 3
1 of 14
www.diodes.com
January 2018
© Diodes Incorporated
AP65111
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Description
The
AP65111
is
a
500kHz
switching
frequency
internally
compensated synchronous DC/DC buck converter. It has integrated
low RDS(ON) high and low side MOSFETs.
The AP65111 enables continuous load current of up to 1.5A with
efficiency as high as 97%.
The AP65111 implements an automatic custom light-load efficiency
improvement algorithm.
The AP65111 features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The
AP65111
simplifies
board
layout
and
reduces
space
requirements with its high level of integration and minimal need for
external
components,
making
it
ideal
for
distributed
power
architectures.
The AP65111 is available in a standard Green TSOT26 package and
is RoHS compliant.
Features
VIN 6V to 16V
1.5A Continuous Output Current
Efficiency Up to 97%
Automated Light Load Improvement
VOUT Adjustable from 0.8V
500kHz Switching Frequency
Internal Soft-Start
Enable Pin
Overvoltage Protection & Undervoltage Protection
Overcurrent Protection (OCP) with Hiccup
Thermal Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
TSOT26
Top View
3
2
1
6
4
5
IN
GND
SW
FB
EN
BST
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP65111
L1
6.5
μH
R1
40.2k
Ω
R2
13k
Ω
C5
1µ
F
C2
22
μF
C1
22
μF
ON
OFF
1
IN
5
EN
2
SW
4
BST
6
FB
3
GND
INPUT
OUTPUT
VOUT
3.3V
VIN
12V
R3
59k
Ω
Figure 1. Typical Application Circuit
VIN=6V
VIN=12V
VIN=16V
NOT RECOMMENDED FOR NEW DESIGN
USE AP65111A


Similar Part No. - AP65111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65111AWU-7 DIODES-AP65111AWU-7 Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
More results

Similar Description - AP65111

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65101 DIODES-AP65101 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 2
AP65201 DIODES-AP65201 Datasheet
1Mb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
Rev 3
AP65111A DIODES-AP65111A Datasheet
911Kb / 13P
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65211A DIODES-AP65211A_17 Datasheet
921Kb / 13P
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
Rev 1
AP65400 DIODES-AP65400 Datasheet
716Kb / 15P
LIGHT LOAD IMPROVED 4A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65402 DIODES-AP65402 Datasheet
641Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65403 DIODES-AP65403 Datasheet
607Kb / 15P
LIGHT LOAD IMPROVED 4A, 750kHz SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65500 DIODES-AP65500 Datasheet
776Kb / 15P
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65502 DIODES-AP65502 Datasheet
668Kb / 15P
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
Rev 1
AP65211 DIODES-AP65211 Datasheet
830Kb / 14P
TSOT26 LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com