Electronic Components Datasheet Search
  English  ▼

X  

73M1906BVT Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 73M1906BVT
Description  MicroDAA™ with PCM Highway
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M1906BVT Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  73M1906BVT Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
73M1866B/73M1966B Data Sheet
DS_1x66B_001
4
Rev. 1.6
Figures
Figure 1: Simple 73M1x66B Reference Block Diagram ............................................................................ 6
Figure 2: 73M1906B 20-Pin TSSOP Pinout.............................................................................................. 8
Figure 3: 73M1916 20-Pin TSSOP Pinout................................................................................................ 9
Figure 4: 73M1906B 32-Pin QFN Pinout ................................................................................................ 10
Figure 5: 73M1916 32-Pin QFN Pinout .................................................................................................. 12
Figure 6: 73M1866B 42-Pin Pinout ........................................................................................................ 14
Figure 7: SPI Timing Diagram................................................................................................................ 18
Figure 8: PCM Timing Diagram for Positive Edge Transmit Mode and Negative Edge Receive Mode..... 19
Figure 9: PCM Timing Diagram for Negative Edge Transmit Mode and Positive Edge Receive Mode..... 20
Figure 10: Frequency Response of the Call Progress Monitor Filter ....................................................... 21
Figure 11: Demo Board Circuit Connecting AOUT to a Speaker ............................................................. 21
Figure 12: Recommended Circuit for the 73M1966B .............................................................................. 28
Figure 13: Recommended Circuit for the 73M1866B .............................................................................. 29
Figure 14: Suggested Over-Voltage Protection and EMI Suppression Circuit ......................................... 31
Figure 15: Daisy-Chain Configuration .................................................................................................... 34
Figure 16: SPI Write Operation – 8-bit Mode.......................................................................................... 34
Figure 17: SPI Read Transaction – 8-bit Mode....................................................................................... 35
Figure 18: SPI Write Transaction – 16-bit Mode..................................................................................... 35
Figure 19: SPI Read Transaction – 16-bit Mode..................................................................................... 35
Figure 20: 8-bit Transmission Example .................................................................................................. 45
Figure 21: 16-bit Transmission Example ................................................................................................ 46
Figure 22: Example of PCM Highway Interconnect................................................................................. 46
Figure 23: Example of PCM Highway Interconnect for Typical Large Systems ....................................... 46
Figure 24: Mapping of A-law Code to 16-bit Code .................................................................................. 48
Figure 25: Mapping of μ-law Code to 16-bit Code ..................................................................................48
Figure 26: Transmit Path Overall Frequency Response to Fs of 8 kHz ................................................... 49
Figure 27: Transmit Path Passband Response for an 8 kHz Sample Rate.............................................. 49
Figure 28: Transmit Spectrum to 32 kHz for an 8 kHz Sample Rate ....................................................... 50
Figure 29: Overall Frequency Response of the Receive Path................................................................. 51
Figure 30: Pass-band Response of the Overall Receive Path................................................................. 51
Figure 31: Timing Relationships with Various TTS, TCS, TPOL, and RTS, RCS, RPOL Settings............ 59
Figure 32: Line-Side Device AC and DC Circuits.................................................................................... 63
Figure 33: DC-IV Characteristics............................................................................................................ 64
Figure 34: Tip-Ring Voltage versus Current Using Different DCIV Settings............................................. 65
Figure 35: Voltage versus Current in the Seize Mode is the Same for All DCIV Settings......................... 66
Figure 36: Magnitude Response of Impedance Matching Filter, ACZ (3:0)=0010 (ES 203 021-2) ........... 67
Figure 37: Magnitude Response of Billing Tone Notch Filter .................................................................. 67
Figure 38: Trans-hybrid Cancellation ..................................................................................................... 68
Figure 39: Loopback Modes Highlighted ................................................................................................ 78
Figure 40: Variation of Transmit Gain Digital Input to Analog Output at the Line ..................................... 80
Figure 41: Gain versus Frequency for Digital Input to Analog Output at the Line..................................... 81
Figure 42: Signal to Total Distortion versus Input Level for Digital Input to Analog Output to the Line...... 81
Figure 43: Variation of Receiver Analog Gain at the Line to the Digital DX Output .................................. 82
Figure 44: Gain versus Frequency for Analog Input at the Line to the Digital DX Output......................... 83
Figure 45: Signal to Total Distortion versus Input Level for Analog at the Line to the Digital DX Output... 83
Figure 46: Return Loss, @ 80 mA.......................................................................................................... 84
Figure 47: 20-Pin TSSOP Package Dimensions..................................................................................... 85
Figure 48: 32-Pin QFN Package Dimensions ......................................................................................... 85
Figure 49: 42-Pin QFN Package Dimensions ......................................................................................... 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com