Electronic Components Datasheet Search
  English  ▼

X  

73M1906BVT Datasheet(PDF) 21 Page - Teridian Semiconductor Corporation

Part # 73M1906BVT
Description  MicroDAA™ with PCM Highway
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M1906BVT Datasheet(HTML) 21 Page - Teridian Semiconductor Corporation

Back Button 73M1906BVT Datasheet HTML 17Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 18Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 19Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 20Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 21Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 22Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 23Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 24Page - Teridian Semiconductor Corporation 73M1906BVT Datasheet HTML 25Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DS_1x66B_001
73M1866B/73M1966B Data Sheet
Rev. 1.6
21
3.4.2
Call Progress Monitor
The Call Progress Monitor monitors activities on the line. The audio output contains both transmit and
receive data with a configurable level individually set by Register 10h.
Figure 10 shows the frequency response of the Call Progress Monitor Filter based upon the
characteristics of the device plus the external circuitry as shown.
Figure 10: Frequency Response of the Call Progress Monitor Filter
U1
NJM2135
CD
1
-VIN
4
V+
6
GND
7
VOUT1
5
VOUT2
8
VREF1
2
VREF2
3
AOUT
VCC
VCC
R3 120K
+
C2
2.2uF
LS1
INTERVOX
AT-2308
C4
1uF
R2
120K
R1 120K
C3
1uF
C1 0.1uF
Figure 11: Demo Board Circuit Connecting AOUT to a Speaker
Table 14: Component Values for the Speaker Driver
Quantity
Reference
Part Description
Part
1
C1
Ceramic capacitor
0.1 μF
1
C2
Ceramic capacitor
2.2 μF (optional)
2
C3, C4
Ceramic capacitor
1 μF
1
LS1
Sound transducer
Speaker (Intervox)
3
R1, R2, R3
1/8 W resistor 0603
120 kΩ
1
U1
Audio amplifier
NJM2135 (New Japan Radio)
All measurements are at the AOUT pin with CMVSEL=0. Note that when CMVSEL=1, the peak signal at
AOUT is increased to approximately 1.11 Vpk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com