Electronic Components Datasheet Search
  English  ▼

X  

SB200 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # SB200
Description  2 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SB200 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  SB200 Datasheet HTML 1Page - DIOTEC Electronics Corporation SB200 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SB200 - SB210 SERIES
Data Sheet No. BRSB-200-2C
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
2 AMP SILICON BRIDGE RECTIFIERS
Number of Cycles at 60 Hz
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
E12
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.0
0.2
04
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
NOTE 3
1.50
0.50
0
1.00
2.00
2.50
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Ambient Temperature, C
60Hz Resistive and Inductive Loads
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
.01
0.1
1.0
10
100
NOTE 1
NOTE 2
NOTES
(1) Bridge Mounted on PC Board With 0.47" Sq. (12mm Sq.)
Copper Pads
(3) T = 25 C; Pulse Width = 300 Sec, 1% Duty Cycle
(4) T = 25 C; f = 1 MHz; V
= 50mV
(2) T = 150 C
m
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
NOTE 4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com