Electronic Components Datasheet Search
  English  ▼

X  

SB200 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SB200
Description  2 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SB200 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SB200 Datasheet HTML 1Page - DIOTEC Electronics Corporation SB200 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRSB-200-1C
MECHANICAL SPECIFICATION
2 AMP SILICON BRIDGE RECTIFIERS
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 60 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.1 Ounces (2.8 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
E11
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 55 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
RATINGS
UNITS
VOLTS
SB
SB
SB
SB
SB
SB
SB
50
100
200
400
1000
35
70
140
280
700
2
Peak Forward Surge Current.
T = 150 C
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
Maximum Forward Voltage (Per Diode) at 1 Amp DC
VOLTS
AMPS
V
I
60
1.05
Typical Thermal Resistance.
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
R
°C/W
mA
@ T = 25 C
@ T = 125 C
10
500
30
11
600
800
50
100
200
400
1000
600
800
420
560
200
201
202
204
206
208
210
ACTUAL SIZE OF
SB2 PACKAGE
A
A1
D
D1
L
C
B1
B
SERIES SB200 - SB210
+
_
UL RECOGNIZED - FILE #E124962
Operating and Storage Temperature Range
T ,T
°C
-55 to +150
Junction to Ambient (Note 1)
Junction to Lead (Note 1)
+
_
AC
SB208
DIOTEC 009
VOLTS
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
2400
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - SB200

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB200-05H SANYO-SB200-05H Datasheet
78Kb / 3P
50V, 20A Rectifier
SB200-05R SANYO-SB200-05R Datasheet
81Kb / 3P
50V, 20A Rectifier
SB200-09 SANYO-SB200-09 Datasheet
78Kb / 3P
90V, 20A Rectifier
SB200-09R SANYO-SB200-09R Datasheet
80Kb / 3P
90V, 20A Rectifier
logo
Tyco Electronics
SB200143WE2.5 MACOM-SB200143WE2.5 Datasheet
5Mb / 85P
tyco electronics contents
More results

Similar Description - SB200

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
02SB DEC-02SB Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
25DBP DEC-25DBP Datasheet
137Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
50SDB DEC-50SDB Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com