Electronic Components Datasheet Search
  English  ▼

X  

2SC2344 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 55Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 56Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 57Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 58Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 59Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 60Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 61Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 62Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
9. Wiring Diagram
Wiring Diagram
9-1
KEY2 KEY1 GND KEY3
TIME
STD
GND
5V
IR
GND
GND
CONTROL PCB
MAIN PCB
DOUBLE FOCUS
PCB
CRT PCB
SIDE AV PCB
L +
L +
L +
R +
R +
R +
L -
L -
L -
R -
R -
R -
VO
GD
VI
GD
LO
RO
LI
RI
SC-1 GND
SY-I
GND SC-O GND
VERT
V2
V1
NC 16.5V GND
VERT
V2
V1
NC
16.5V
GND
B OUT
G OUT
R OUT
SENSE
8V
GND
F/B
TILT
GND
SVM
600V
600V
SY-O
TO SPEAKER
FROM MAIN SOUND AMP
AV2 VIDEO IN-OUT
CN704
CNY01
CN902
CN602
CN302
CN501
CNY02
KEY2 KEY1 GND KEY3
CN901
CNH01
CN701
CN702
CN703
S-VHS IN-OUT
16.5VAC GND DOUBLE
16.5VAC GND DOUBLE
TIME
STD
GND
5V
IR
CN502
B OUT
G OUT
R OUT
SENSE
8V
GND
F/B
TILT
GND
SVM
CN501A
VO
GD
V1
GD
LO
RO
LI
RI
CN702
-16V
ABL
+16V
GND HEAT
NC
200V
CN502A
-16V
ABL
+16V
GND HEAT
NC
200V
CN704
SC-I
GND SY-I
GND SC-O GND
SY-O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com