Electronic Components Datasheet Search
  English  ▼

X  

2SC2344 Datasheet(PDF) 15 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 15 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 11Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 12Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 13Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 14Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 15Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 16Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 17Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 18Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 19Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
Alignment and Adjustments
4-4
Note 2.
29V1 CHANGE
LOC NO CODE NO
SPEC
LOC NO CODE NO
SPEC
R226
AZ261102
1KOHM,5%,1/8W
R226
AZ261471
470 OHM,5%,1/8W
J221
AZ664147
WIRE-NO SHEATH CU
C203
AZ164009
C-AL;50V 10uF
J908
AZ664147
WIRE-NO SHEATH CU
R944
AZ261392
3.9 KOHM,5%,1/8W
NONE
NONE
NONE
R954
AZ261473
47 KOHM,5%,1/8W
NONE
NONE
NONE
R910
AZ261223
22 KOHM,5%,1/8W
NONE
NONE
NONE
R955
AZ261101
100 OHM,5%,1/8W
R910
AZ261102
1KOHM,5%,1/8W
R956
AZ261471
470 OHM,5%,1/8W
R911
AZ261301
300 OHM,5%,1/8W
R911
AZ261331
330 OHM,5%,1/8W
R912
AZ261301
300 OHM,5%,1/8W
R912
AZ261103
10 KOHM,5%,1/8W
C923
AZ161102
C-C,AXIAL;50V 1NF
L910
AZ363067
8.2uH AL02
C926
DELETE
DELETE
C926
AZ664147
C-C,AXIAL;150 PF
J204
AZ664147
JUMPER
J204
DELETE
DELETE
NONE
NONE
NONE
J913
AZ664147
JUMPER
L210
AZ361008
AL02 3.3uH
L210
AZ664147
JUMPER
J406
AZ362003
F/BEAD ,6MM
J406
AZ664147
JUMPER
L222
NONE
NONE
L222
AZ361010
4.7uH AL02
C410
DELELTE DELETE
C410
AZ162005
C-FILM,PEF;220nF,5%,250V,TP
J239
AZ664147
JUMPER
J239
DELETE
DELETE
J817
NONE
NONE
J817
AZ664147
JUMPER
L413
NONE
NONE
L413
AZ664147
JUMPER
J709
AZ664147
JUMPER
DELETE DELETE
DELETE
J701
NONE
NONE
J701
AZ664147
JUMPER
L412
NONE
NONE
L412
AZ362003
F/BEAD ,6MM
R403
AZ263070
2W 10 ohm
D403
AZ462005
DIODE 1N4004
NONE
NONE
NONE
CN701A AZ760241
ASSY-LEAD CONNECTOR;3P
J226
DELETE
DELETE
J226
AZ664147
WIRE-NO SHEATH CU
J231
AZ261222
2.2KOHM,5%,1/8W
J231
DELETE
DELETE
R301
AZ268057
1.6KOHM,5%,1/2W
R301
AZ264003
4.7Kohm,1%,1/2W
R302
AZ268058
7.5Kohm,1%,1/2W
R302
AZ264007
22Kohm,1%,1/2W
R304
AZ268059
0.68ohm,5%,2W,AG
R304
AZ263061
1.2ohm,5%,2W,AG
TOP
DELETE
DELETE
R307
AZ263061
1.2ohm,5%,2W,AG
R314
AZ268048
22Kohm,1%,1/2W
R314
AZ268048
22Kohm,1%,1/2W
R315
DELETE
DELETE
R315
AZ268041
51Kohm,1%,1/2W
C303
AZ166050
O.O15nF,5%,50V
C303
AZ166032
O.O05nF,5%,500V
R926
NONE
NONE
R926
AZ664147
JUMPER
Q907
NONE
NONE
Q907
AZ561003
KSC815,NPN,400mW,TO-92,TP
R902
NONE
NONE
R902
AZ261102
1KOHM,5%,1/8W,AA,
R952
NONE
NONE
R952
AZ261103
10KOHM,5%,1/8W
J902
NONE
NONE
J902
AZ664147
JUMPER
R919
AZ261103
10KOHM,5%,1/8W
R919
AZ261471
470 OHM,5%,1/8W
TOP
AZ166023
C-C;400V 103
C830
AZ166023
C-C;400V 103
Model adapted ELDOR FBT
TOP
AZ263076
2W 27
R826
AZ263076
2W 27
Model adapted ELDOR FBT
J630
NONE
NONE
J630
AZ664147
JUMPER
Delete, If VIDEO S/W MODULE
D405
AZ462001
1N4148
D405
AZ664147
JUMPER
C415
AZ162031
POLY 50V 222
C415
AZ162031
POLY 50V 272
C416
AZ166022
POLY 100V 103
C416
AZ162012
POLY 50V 472
C411
AZ166034
POLY 50V 332
C411
AZ162031
POLY 50V 222
C212
AZ162006
POLY 50V 223
C212
AZ166022
POLY 100V 103
R241
AZ664147
JUMPER
R241
AZ261680
68ohm,5%,1/8W
R242
DELETE
DELETE
R242
AZ261750
75ohm,5%,1/8W
L208
AZ664147
JUMPER
L208
AZ363060
INDUCTOR-AXIAL;2.2uH,5%
C246
DELETE
DELETE
C246
AZ161271
C-C,-AXIAL;270PF,10%,50V
C247
DELETE
DELETE
C247
AZ161999
C-C,-AXIAL;18PF,10%,50V
C248
DELETE
DELETE
C248
AZ161271
C-C,-AXIAL;270PF,10%,50V
J829
AZ664147
JUMPER
J829
DELETE
DELETE
J830
AZ664147
JUMPER
J830
DELETE
DELETE
F802A
DELETE
DELETE
F802A
AZ664014
FUSE-HOLDER;-,-,30MOHM
F802B
DELETE
DELETE
F802B
AZ664014
FUSE-HOLDER;-,-,30MOHM
FD802S
DELETE
DELETE
FD802S
AZ760242
FUSE;800mA
FD802S
DELETE
DELETE
FD802S
AZ760243
FUSE;1A
LX801S AZ363064
28-20MH 1.5A,+-2.0,1.5K
LX801S AZ363064
28-20MH 1.5A,+-2.0,1.5K
LX802S
DELETE
DELETE
LX802S AZ363064
28-20MH 1.5A,+-2.0,1.5K
CX801S AZ166013
220nF,20%,250V,TP,-,22.5mm
CX801S AZ166013
220nF,20%,250V,TP,-,22.5mm
CX802S AZ166013
220nF,20%,250V,TP,-,22.5mm
CX802S AZ166013
220nF,20%,250V,TP,-,22.5mm
BEFORE
AFTER
Against Conduction
A Improvement of TTX Error
100Hz Model
100Hz Model
V-SIZE DRIFT
Linearity
Against 2H-Noise
50Hz : 800mA
100Hz : 1 A
All Model
MODEL
A Improvement of OSD JITTER
(Added H-Sync Buffer)
All Model
100Hz Model
CAUSE
AV- CROSSTALK
All Model
100Hz Model
ASSY-MAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com