Electronic Components Datasheet Search
  English  ▼

X  

M66252P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M66252P
Description  1152 x 8-BIT LINE MEMORY FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66252P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66252P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MITSUBISHI
〈DIGITAL ASSP〉
M66252P/FP
1152 x 8-BIT LINE MEMORY (FIFO)
MITSUBISHI
〈DIGITAL ASSP〉
M66252P/FP
1152 x 8-BIT LINE MEMORY (FIFO)
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
19
18
17
20
21
22
23
24
Q0
Q1
Q2
Q3
GND
RCK
Q4
Q5
Q6
Q7
D0
D1
D2
D3
VCC
WCK
D4
D5
D6
D7
Data output
Data output
Data input
Data input
24P4Y
24P2W-A
Outline
Read enable input
Read reset input
Read clock input
Write enable input
Write reset input
Write clock input
RE
RRES
WE
WRES
BLOCK DIAGRAM
24 23 22 21 16 15 14 13
Input buffer
1
234
9 10 11 12
Output buffer
20
19
17
18
Memory array
(1152 x 8 bits)
5
6
8
7
RE
RRES
RCK
GND
WE
WRES
WCK
Vcc
Write
enable input
Write
reset input
Write
clock input
Read
reset input
Read
enable input
Read
clock input
D0 D1 D2 D3 D4 D5 D6 D7
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Data input
Data output
DESCRIPTION
The M66252P/FP is a high-speed line memory with a FIFO
(First In First Out) structure of 1152-word
× 8-bit configuration
which uses high-performance silicon gate CMOS process
technology.
It has separate clock, enable and reset signals for write and
read and is most suitable as a buffer memory between
devices with different data processing throughput.
FEATURES
• Memory construction ........................................................
............................. 1152words x 8bits (dynamic memory)
• High-speed cycle ............................................ 50ns (min.)
• High-speed access ........................................ 40ns (max.)
• Output hold ....................................................... 5ns (min.)
• Fully independent, asynchronous write and read opera-
tions
• Variable-length delay bit
• Output .................................................................... 3-state
APPLICATION
Digital photocopiers, high-speed facsimiles, laser beam print-
ers.


Similar Part No. - M66252P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
1152*8-BIT LINE MEMORY(FIFO)
More results

Similar Description - M66252P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
M66255FP MITSUBISHI-M66255FP Datasheet
152Kb / 11P
8192 x 10-BIT LINE MEMORY (FIFO)
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
5120 x 8-BIT LINE MEMORY (FIFO)
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
5120 x 8-BIT x 2 LINE MEMORY (FIFO)
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
32 WORDS X 8 BIT FIFO MEMORY
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
4Mbits (512k x 8-bit) FIFO memory
logo
Renesas Technology Corp
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
5120 횞 8-Bit Line Memory (FIFO)
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
262144-word x 8-bit x 3-FIFO MEMORY
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
5120*8-BIT LINE MEMORY(FIFO/LIFO)
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
1152*8-BIT LINE MEMORY(FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com