Electronic Components Datasheet Search
  English  ▼

X  

M66252P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M66252P
Description  1152 x 8-BIT LINE MEMORY FIFO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66252P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M66252P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66252P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
MITSUBISHI
〈DIGITAL ASSP〉
M66252P/FP
1152 x 8-BIT LINE MEMORY (FIFO)
When read enable input RE is “L,” data on memory are out-
put to Q0 thru Q7 synchronously with read clock input RCK
rise edges. At this time, read address counter executes
counting.
The following read-related operations are also performed
synchronously with RCK rise edges.
When RE is “H,” reading from memory is inhibited, and read
address counter stops counting. The status of Q0 thru Q7 be-
comes high-impedance.
When read reset input RRES is “L,” read address counter is
initialized.
FUNCTION
When the status of write enable input WE is “L,” data on D0
thru D7 are written on the memory synchronously with write
clock input WCK rise edges. At this time, write address
counter executes counting.
The following write-related operations are also performed
synchronously with WCK rise edges.
When WE is “H,” writing on memory is inhibited, and write ad-
dress counter stops counting.
When write reset input WRES is “L,” write address counter is
initialized.
Conditions
Reference pin: GND
Ta = 25
°C
Ratings
–0.5 ~ +7.0
–0.5 ~ VCC + 0.5
–0.5 ~ VCC + 0.5
550 (Note 1)
–65 ~ 150
Symbol
VCC
VI
VO
Pd
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Storage temperature
Unit
V
V
V
mW
°C
ABSOLUTE MAXIMUM RATINGS (Ta = –20 ~ 70
°C unless otherwise noted)
Note 1: Ta
≥ 62°C are derated at –8.8mW/°C (24P4Y)
Ta
≥ 51°C are derated at –7.5mW/°C (24P2W)
RECOMMENDED OPERATIONAL CONDITIONS
Symbol
VCC
GND
Topr
Parameter
Supply voltage
Supply voltage
Ambient temperature
Limits
Min.
4.5
–20
Typ.
5
0
Max.
5.5
70
Unit
V
V
°C
Symbol
VIH
VIL
VOH
VOL
IIH
IIL
IOZH
IOZL
ICC
CI
CO
Parameter
“H” input voltage
“L” input voltage
“H” output voltage
“L” output voltage
“H” input current
“L” input current
“H” output current under “off” condition
“L” output current under “off” condition
Average supply current during operation
Input capacitance
Output capacitance under “off” condition
ELECTRICAL CHARACTERISTICS (Ta = –20 ~ 70
°C, VCC = 5V±10%, GND = 0V)
Max.
0.8
0.55
1.0
–1.0
5.0
–5.0
100
10
15
Unit
V
V
V
V
µA
µA
µA
µA
mA
pF
pF
Typ.
Min.
2.0
VCC – 0.8
Limits
Test conditions
IOH = –4mA
IOL = 4mA
VI = VCC
VI = GND
VO = VCC
VO = GND
VI = VIH, VIL, Outputs are open
tWCK, tRCK = 100ns
f = 1MHz
f = 1MHz
WE, WRES, WCK, RE,
RRES, RCK
D0~D7
WE, WRES, WCK, RE,
RRES, RCK
D0~D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com