Electronic Components Datasheet Search
  English  ▼

X  

PWD5F60TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 2Page - STMicroelectronics PWD5F60TR Datasheet HTML 3Page - STMicroelectronics PWD5F60TR Datasheet HTML 4Page - STMicroelectronics PWD5F60TR Datasheet HTML 5Page - STMicroelectronics PWD5F60TR Datasheet HTML 6Page - STMicroelectronics PWD5F60TR Datasheet HTML 7Page - STMicroelectronics PWD5F60TR Datasheet HTML 8Page - STMicroelectronics PWD5F60TR Datasheet HTML 9Page - STMicroelectronics PWD5F60TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Symbol
Pin
Parameter
Test Condition
Min.
Max.
Unit
VCP+x
CP+x
Comparator positive input voltage
VCP- ≤ 2.5 V
-
VCCx (1)
V
TJ
-
Junction temperature
-
-40
125
°C
1. At least one of the comparator inputs must be lower than 2.5 V to guarantee proper operation.
3.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth(J-CB)
Thermal resistance junction to each MOSFET exposed pad, typical
2.85
°C/W
Rth(J-A)
Thermal resistance junction-to-ambient (1)
25
°C/W
1. The junction to ambient thermal resistance is obtained simulating the device mounted on a 2s2p (4-layer) FR4 board as per
JESD51-5,7 with 4 thermal vias for each MOSFET pad. Power dissipation is uniformly distributed over the four power
MOSFETs.
PWD5F60
Thermal data
DS12543 - Rev 1
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com