Electronic Components Datasheet Search
  English  ▼

X  

PWD5F60TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # PWD5F60TR
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PWD5F60TR Datasheet HTML 5Page - STMicroelectronics PWD5F60TR Datasheet HTML 6Page - STMicroelectronics PWD5F60TR Datasheet HTML 7Page - STMicroelectronics PWD5F60TR Datasheet HTML 8Page - STMicroelectronics PWD5F60TR Datasheet HTML 9Page - STMicroelectronics PWD5F60TR Datasheet HTML 10Page - STMicroelectronics PWD5F60TR Datasheet HTML 11Page - STMicroelectronics PWD5F60TR Datasheet HTML 12Page - STMicroelectronics PWD5F60TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Figure 4. Typical dead time vs. RDT resistor value
Formula for approximate RDT calculation (typ.): RDT[kΩ] = 92.2 x DT[µs] - 16.6
0
50
100
150
200
250
300
RDT (kΩ)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.2
Power MOSFET
VCCx = 15 V; TJ = 25 °C, unless otherwise specified.
Table 6. Power MOSFET electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
MOSFET on/off states
V(BR)DS Drain-source breakdown voltage
ID = 1 mA (1)
600
-
-
V
IDSS
Zero gate voltage drain current
VDS = 600 V
SD = SENSE = GND
-
-
1
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA (1)
3
4
5
V
RDS(on) Static drain-source on-resistance
ID = 1.75 A;
VGS = 10 V;
-
1.38
1.75
Ω
MOSFET Avalanche
IAS
Avalanche current, repetitive or not repetitive
pulse width limited by TJ max (1)
-
-
1
A
EAS
Single pulse avalanche energy
Starting TJ = 25 °C,
ID = IAS, VDD = 50 V (1)
-
-
132
mJ
Source-Drain diode
VSD
Diode forward on voltage
SD = SENSE = GND
ISD = 3.5 A;
-
-
1.6
V
1. Tested at the wafer level before packaging.
PWD5F60
Power MOSFET
DS12543 - Rev 1
page 9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com