Electronic Components Datasheet Search
  English  ▼

X  

STL52DN4LF7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL52DN4LF7AG
Description  Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52DN4LF7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STL52DN4LF7AG Datasheet HTML 1Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 2Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 3Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 4Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 5Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 6Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 7Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 8Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STL52DN4LF7AG
Electrical ratings
DocID029278 Rev 4
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
40
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at TC = 25 °C
18
A
ID(1)
Drain current (continuous) at Tc = 100 °C
18
A
IDM(1)(2)
Drain current (pulsed)
72
A
PTOT
Total dissipation at TC = 25 °C
65
W
Tstg
Storage temperature range
-55 to 175
°C
TJ
Operation junction temperature range
Notes:
(1)Drain current is limited by package, the current capability of the silicon is 46 A at 25 °C and 33 A at 100 °C.
(2)Pulse width limited by safe operating area
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.3
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
32
Notes:
(1)When mounted on FR-4 board of 1 inch², 2oz Cu, t < 10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com