Electronic Components Datasheet Search
  English  ▼

X  

STL52DN4LF7AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL52DN4LF7AG
Description  Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52DN4LF7AG Datasheet(HTML) 4 Page - STMicroelectronics

  STL52DN4LF7AG Datasheet HTML 1Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 2Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 3Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 4Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 5Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 6Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 7Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 8Page - STMicroelectronics STL52DN4LF7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STL52DN4LF7AG
4/16
DocID029278 Rev 4
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/Off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0 V
40
V
IDSS
Zero gate voltage
drain current
VGS = 0 V
VDS = 40 V
10
µA
IGSS
Gate-body leakage
current
VGS = ± 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS , ID
= 250 μA
1.5
2.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID= 6 A
9
16
mΩ
VGS = 4.5 V, ID= 6 A
12
20
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
500
-
pF
Coss
Output capacitance
-
140
-
pF
Crss
Reverse transfer
capacitance
-
20
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 12 A,
VGS = 0 to 10 V
(see Figure 14: "Test circuit for
gate charge behavior")
-
9.4
-
nC
Qgs
Gate-source charge
-
1.6
-
nC
Qgd
Gate-drain charge
-
2
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 32 V, ID = 6 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 13: "Test circuit for
resistive load switching times"
and Figure 18: "Switching time
waveform")
-
6.5
-
ns
tr
Rise time
-
5
-
ns
td(off)
Turn-off delay time
-
48
-
ns
tf
Fall time
-
14.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com