Electronic Components Datasheet Search
  English  ▼

X  

STL9P4LF6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL9P4LF6AG
Description  Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P4LF6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STL9P4LF6AG Datasheet HTML 1Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 2Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 3Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 4Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 5Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 6Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 7Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 8Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
-40
V
VGS
Gate-source voltage
±18
V
ID(1)
Drain current (continuous) at TC = 25 °C
-8
A
Drain current (continuous) at TC = 100 °C
-5
ID(2)
Drain current (continuous) at TC = 25 °C
-31
A
Drain current (continuous) at TC = 100 °C
-20
IDM(1)(3)
Drain current (pulsed)
-32
A
PTOT(1)
Total power dissipation at TC = 25 °C
2.9
W
PTOT(2)
Total power dissipation at TC = 25 °C
50
W
Tstg
Storage temperature
-55 to 150
°C
TJ
Maximum junction temperature
1. The value is rated according to Rthj-pcb.
2. The value is rated according to Rth-jC.
3. Pulse width limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case max.
2.5
°C/W
RthJB(1)
Thermal resistance, junction-to-board, single operation
42.8
°C/W
1. When mounted on FR-4 board of 1 inch², 2oz Cu, steady state.
STL9P4LF6AG
Electrical ratings
DS13399 - Rev 2
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com