Electronic Components Datasheet Search
  English  ▼

X  

STL9P4LF6AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL9P4LF6AG
Description  Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P4LF6AG Datasheet(HTML) 4 Page - STMicroelectronics

  STL9P4LF6AG Datasheet HTML 1Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 2Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 3Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 4Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 5Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 6Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 7Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 8Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG160320211612SOA
101
100
10-1
10-1
100
101
ID
(A)
VDS (V)
tp =100 µs
tp =1 ms
tp =10 ms
Figure 2. Thermal impedance
GADG160320211534ZTH
10-1
10-2
10-5
10-4
10-3
10-2
10-1
K
tp (s)
δ=0.5
0.1
0.05
0.02
Single pulse
δ=0.2
0.01
Figure 3. Output characteristics
GADG160320211307RCC25
-5
-10
-15
-20
-25
-30
-35
-40
0
0
-7
-6
-5
-4
-3
-2
-1
ID
(A)
VDS (V)
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
10V
Figure 4. Transfer characteristics
GADG160320211113TCH
-10
-20
-30
0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
ID
(A)
VGS (V)
-1.0
TJ = 150°C
TJ = -25°C
TJ = -55°C
VDS = 5 V
Figure 5. Gate charge vs gate-source voltage
GADG160320211530QVG
10
8
6
4
2
0
0
10
20
30
40
VGS
(V)
Qg (nC)
VDS = 20 V
ID = 8 A
Figure 6. Typical static drain-source on-resistance
GADG160320211524RID
35
30
25
20
15
10
5
0
10
20
30
RDS(on)
(mΩ)
ID (A)
VGS =4.5V
VGS =10V
STL9P4LF6AG
Electrical characteristics (curves)
DS13399 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com